PART |
Description |
Maker |
WA84-6R8JI WA84-22RJI WA84-220RJI WA84-1R0JI WA84- |
RESISTOR 6.8R 3W RESISTOR 22R 3W RESISTOR 220R 3W RESISTOR 1R 3W RESISTOR 3.3R 3W RESISTOR 2.2R 3W RESISTOR 1.2K 3W RESISTOR 1.8K 3W RESISTOR 12R 3W RESISTOR 8.2R 3W RESISTOR 3.9R 3W RESISTOR 1.5K 3W RESISTOR 1.2R 3W RESISTOR 1.5R 3W RESISTOR 1.8R 3W 电阻4.7R 3W 电阻390R 3W RESISTOR 150R 3W 电阻150R 3W
|
Welwyn Components, Ltd.
|
PDTC144WE PDTC144WU PDTC144WEF PDTC144WK PDTC144WM |
PDTC144W series; NPN resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BRC114ETP BRC123ETP |
NPN Built-in Resistor Transistor TO-92 Series
|
Hitachi Semiconductor
|
PDTC124TU PDTC124TE PDTC124TEF PDTC124TK PDTC124TM |
PDTC124T series; NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
Philips
|
RTAN430C RTAN430M RTAN430T2 RTAN430U RTAN430X |
TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION RTAN430X SERIES SILICON NPN EPITAXIAL TYPE
|
Isahaya Electronics Corporation
|
PDTC123E PDTC123EU PDTC123EE PDTC123EEF PDTC123EK |
PDTC123E series; NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PDTC114TU PDTC114TT PDTA114TM PDTA114T PDTA114TE P |
NPN resistor-equipped transistor PNP resistor-equipped transistors; R1 = 10 kOHM R2 = open PDTA114T series; PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
UNR521Z UNR521D UNR5219 UN521T UN521F UN521Z UNR52 |
UNR521X Series (UN521X Series) - NPN Transistors with built-in Resistor TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SC-70 晶体管| 50V五(巴西)总裁| 100mA的一(c)|SC - 70 TRANSIL 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SC - 70
|
Matsshita / Panasonic SMSC, Corp. Panasonic, Corp.
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MMUN2211LT1 |
Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network(NPN???缃???绘?浣??)
|
ON SEMICONDUCTOR
|
EMC2DXV5T5G EMC4DXV5T1 EMC4DXV5T1G EMC4DXV5T5 EMC4 |
Dual Common Base-Collector Bias Resistor Transistors(双共基极-集电极偏置电阻晶体管) 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Dual Common Base−Collector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
UN421K UNR421K UN4211 UN4210 UN4212 UN4213 UN4214 |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:1Mbit; Package/Case:32-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:45ns; Series:AM29 RoHS Compliant: Yes Silicon NPN epitaxial planar type 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Composite Device - Transistors with built-in Resistor 复合装置-内置晶体管,电阻
|
PANASONIC CORP Panasonic, Corp.
|