Part Number Hot Search : 
2SK2936 RF151 EL5160IS 2SB1386 CA2830C P2301 UN9117 8805GEDS
Product Description
Full Text Search
  resistor-equipped Datasheet PDF File

For resistor-equipped Found Datasheets File :: 2118    Search Time::2.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    UPD16633B UPD16633BN

NEC[NEC]
Part No. UPD16633B UPD16633BN
OCR Text ...ws the resistance values of the resistor strings. This driver IC is designed for single-sided mounting. Therefore, please do not use it for -corrected power supply level inversion in double-sided mounting. Because the current flowing throug...
Description 312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES

File Size 105.83K  /  20 Page

View it Online

Download Datasheet





    UPD16634A UPD16634AN

NEC[NEC]
Part No. UPD16634A UPD16634AN
OCR Text ...S12595EJ2V0DS00 PD16634A 6. RESISTOR STRINGS Figure 6-1. Relationship Between Input Data and Output Voltage : VDD2 > V0 > V1 > V2 > V3 > V4 > V5, POL2 = L Data 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12...
Description 300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE

File Size 113.27K  /  20 Page

View it Online

Download Datasheet

    UPD16664 UPD16664N UPD16664N-001

NEC[NEC]
Part No. UPD16664 UPD16664N UPD16664N-001
OCR Text ..."H" = test mode, with pull-down resistor) Reset signal Display OFF input signal External resistor pin for oscillator External resistor pin for oscillator Column drive signal (MS pin "H" = output, MS pin "L" = input) Frame signal (MS pin "H"...
Description 144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM

File Size 335.51K  /  52 Page

View it Online

Download Datasheet

    M74HC245 M74HC245B1R M74HC245C1R M74HC245F1R M74HC245M1R M74HC640 M74HC640B1R M74HC640C1R M74HC640F1R M74HC640M1R M74HC6

SGS Thomson Microelectronics
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
STMicroelectronics N.V.
Part No. M74HC245 M74HC245B1R M74HC245C1R M74HC245F1R M74HC245M1R M74HC640 M74HC640B1R M74HC640C1R M74HC640F1R M74HC640M1R M74HC643B1R M74HC643C1R M74HC643F1R M74HC643M1R M54HC245 M54HC245B1R M54HC245C1R M54HC245F1R M54HC245M1R M54_74HC640 M54_74HC245 M54HC640 M54HC640B1R M54HC640C1R M54HC640F1R M54HC640M1R M54HC643 M54HC643B1R M54HC643C1R M54HC643F1R M54HC643M1R M74HC643 -M54HC245B1R -M54HC245F1R
OCR Text ...F EXTERNAL PULL DOWN OR PULL UP RESISTOR. HC643 October 1993 1/11 M54/M74HC245/640/643 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION PIN No 1 2, 3, 4, 5, 6, 7, 8, 9 18, 17, 16, 15, 14, 13, 12, 11 19 10 20 SYMBOL DIR A1 t...
Description HC640 INVERTING, HC643 INVERTING/NON INVERTING OCTAL BUS TRANSCEIVER (3-STATE): HC245 NON INVERTING
OCTAL BUS TRANSCEIVER (3-STATE): HC245 NON INVERTING HC640 INVERTING, HC643 INVERTING/NON INVERTING
OCTAL BUS TRANSCEIVER 3-STATE: HC245 NON INVERTING HC640 INVERTING/ HC643 INVERTING/NON INVERTING
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
OCTAL BUS TRANSCEIVER 3-STATE: HC245 NON INVERTING HC640 INVERTING, HC643 INVERTING/NON INVERTING 八路总线收发种状态:HC245非反相HC640反转,HC643反向/非反
Low-Power Stereo CODEC with 10 Inputs, 7 Outputs, HP Amplifier and Enhanced Digital Effects 80-BGA MICROSTAR JUNIOR -40 to 85

File Size 265.26K  /  11 Page

View it Online

Download Datasheet

    UDA1360TS UDA1360

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
http://
Part No. UDA1360TS UDA1360
OCR Text ... 2 V (RMS) input using a series resistor of 12 k. For the definition of the pin settings for 1 or 2 V (RMS) mode given in Table 1, it is assumed that this resistor is present as a default component. If the 2 V (RMS) signal input is not need...
Description Low-voltage low-power stereo audio ADC 低电压低功耗立体声音频ADC

File Size 84.55K  /  16 Page

View it Online

Download Datasheet

    UPD75104A UPD75104AGC UPD75108A UPD75108AGC

NEC[NEC]
Part No. UPD75104A UPD75104AGC UPD75108A UPD75108AGC
OCR Text ...pins * CMOS input pins (Pull-up resistor can be conneced to 4 out of 10 pins in bit units.): 10 * CMOS I/O pins (can directly drive LEDs. Pu...equipped with clock 8-bit serial interface that operates in the following two modes: * Operation sto...
Description 4-BIT SINGLE-CHIP MICROCOMPUTER

File Size 447.72K  /  66 Page

View it Online

Download Datasheet

    UPD75104 UPD75104CW UPD75104GF UPD75106 UPD75106CW UPD75106GF UPD75108 UPD75108CW UPD75108GF PD75104

NEC[NEC]
Part No. UPD75104 UPD75104CW UPD75104GF UPD75106 UPD75106CW UPD75106GF UPD75108 UPD75108CW UPD75108GF PD75104
OCR Text ...an directly drive LEDs. Pull-up resistor can be connected to each bit) * Comparator input pins (4-bit accuracy): 4 * 8-bit timer/event count...equipped with clock 8-bit serial interface that operates in the following two modes: * Operation sto...
Description 4-BIT SINGLE-CHIP MICROCOMPUTER

File Size 520.47K  /  70 Page

View it Online

Download Datasheet

    74AC245 74AC245B 74AC245M 4699

STMicroelectronics
Part No. 74AC245 74AC245B 74AC245M 4699
OCR Text ...F EXTERNAL PULL DOWN OR PULL UP RESISTOR. DESCRIPTION The AC245 is an advanced CMOS OCTAL BUS TRANSCEIVER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power applica...
Description OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS NON INVERTED
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
From old datasheet system

File Size 79.05K  /  8 Page

View it Online

Download Datasheet

    74ACT245 74ACT245B 74ACT245M 74ACT245T 4823

ST Microelectronics
STMicroelectronics
Part No. 74ACT245 74ACT245B 74ACT245M 74ACT245T 4823
OCR Text ...F EXTERNAL PULL DOWN OR PULL UP RESISTOR. May 1999 1/9 74ACT245 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION PIN No 1 2,3, 4,5, 6, 7,8, 9 18, 17, 16, 15, 14, 13, 12, 11 19 10 20 SYMBOL DIR A1 to A8 B1 to B8 NAME AND FUNCT ...
Description From old datasheet system
OCTAL BUS TRANSCEIVER (3-STATE)
OCTAL BUS TRANSCEIVER 3-STATE

File Size 69.62K  /  9 Page

View it Online

Download Datasheet

    AD1866 AD1866N AD1866R AD1866R-REEL

AD[Analog Devices]
Part No. AD1866 AD1866N AD1866R AD1866R-REEL
OCR Text ...nts and laser trimmed, thinfilm resistor elements. Careful design and layout techniques have resulted in low distortion, low noise, high cha...equipped with a high performance output amplifier. These amplifiers achieve fast settling and high s...
Description Single Supply Dual 16-Bit Audio DAC

File Size 245.33K  /  12 Page

View it Online

Download Datasheet

For resistor-equipped Found Datasheets File :: 2118    Search Time::2.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of resistor-equipped

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.199539899826