PART |
Description |
Maker |
PSMN5R8-30LL |
N-channel DFN3333-8 30 V 5.8 mlogic level MOSFET
|
NXP Semiconductors
|
PSMN3R0-30YL |
N-channel 30 V 3 mlogic level MOSFET in LFPAK
|
NXP Semiconductors
|
BUK9K25-40E |
Dual N-channel 40 V, 29 mlogic level MOSFET
|
NXP Semiconductors
|
PSMN1R9-25YLC |
N-channel 25 V 2.05 mlogic level MOSFET in LFPAK using NextPower technology N-channel 25 V 2.05 m logic level MOSFET in LFPAK using NextPower technology
|
NXP Semiconductors N.V.
|
AM4J-67205L-45 AM4J-67205V-45 AM4J-67205V-25 AM4J- |
90NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) 120NS, PDIP, IND TEMP(EEPROM) 70NS, PLCC, IND TEMP(EEPROM) 90NS, PLCC, IND TEMP(EEPROM) 120NS, TSOP, IND TEMP(EEPROM) Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250NS, PGA, 883C; LEV B FULLY COMPLIANT(EEPROM) x9 Asynchronous FIFO X9热卖异步FIFO 70NS, PDIP, IND TEMP(EEPROM) X9热卖异步FIFO Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Panasonic, Corp. Bourns, Inc. Advanced Monolithic Systems, Inc. Cypress Semiconductor, Corp. Alpha Wire Company
|
PUMA67F16006A-80E PUMA67F16006A-12E PUMA67F16006AI |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 120NS, SOIC, IND TEMP(EEPROM) 70NS, PDIP, IND TEMP(EEPROM) 120NS, TSOP, COM TEMP(EEPROM) 200NS, PLCC, COM TEMP(EEPROM) DIE(EEPROM) 90NS, PGA, 883C; LEVEL B FULLY COMPLIANT(EEPROM) 120NS, PGA, 883C; LEV B FULLY COMPLIANT(EEPROM) 120NS, PLCC, IND TEMP(EEPROM) X32号,闪存EEPROM模块 x32 Flash EEPROM Module X32号,闪存EEPROM模块
|
Lattice Semiconductor, Corp. Amphenol, Corp.
|
FW905 |
N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device 7 A, 20 V, 0.024 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
UPA675T UPA675T-T1 UPA675T-T2 UPA675T-A |
100 mA, 16 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING N-channel enhancement type MOS FET
|
NEC
|
|