PART |
Description |
Maker |
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
CY7C1041CV33-8ZSXC |
4-Mbit (256 K × 16) Static RAM
|
Cypress Semiconductor
|
BBS-15 BBS-1/4 BBS-2/10 BBS-1-8/10 BBS-10 BBS-1-6/ |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit DDR-II SRAM 2-Word Burst Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 36-Mbit QDR-II SRAM 4-Word Burst Architecture Fuse 256K (32K x 8) Static RAM 64/256/512/1K/2K/4K x 18 Synchronous FIFOs Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs Neuron® Chip Network Processor 64-Kbit (8K x 8) Static RAM 72-Mbit QDR™-II SRAM 2-Word Burst Architecture 保险
|
NXP Semiconductors N.V.
|
CY7C1041CV33-12BAXE CY7C1041CV33-10ZSXA CY7C1041CV |
4-Mbit (256 K × 16) Static RAM TTL-compatible inputs and outputs
|
Cypress Semiconductor
|
P93U422-35FMB P93U422-35PMB P93U422-35SMB |
HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 35 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 高速静56 × 4 CMOS存储
|
Pyramid Semiconductor, Corp. Microchip Technology, Inc.
|
CY62126EV30 CY62126EV30LL CY62126EV30LL-45ZSXI CY6 |
1-Mbit (64 K x 16) Static RAM Automatic power down when deselected 1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
AM41PDS3224DB35IS AM41PDS3224DB40IS AM41PDS3224DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位).8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位)1.8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
SST4117A SST4118A |
1-Mb (128K x 8) Static RAM 1-Mbit (64K x 16) Static RAM 晶体管|场效应| N沟道| 80uA电流我(直)| SOT - 23封装
|
Electronic Theatre Controls, Inc.
|
CDP1822 CDP1822CD CDP1822CDX CDP1822CE CDP1822CEX |
256-Word x 4-Bit LSI Static RAM 256 X 4 STANDARD SRAM, 450 ns, PDIP22 256-Word x 4-Bit LSI Static RAM 256 X 4 STANDARD SRAM, 450 ns, CDIP22 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AM41PDS3224DT10IS AM41PDS3224DT100IS AM41PDS3224DT |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
CY62138EV30LL-45BVXI-12 |
2-Mbit (256 K × 8) MoBL Static RAM
|
Cypress Semiconductor
|