PART |
Description |
Maker |
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
BY229-200 BY229-800 BY229 BY229-400 BY229-600 BY22 |
Rectifier diodes fast, soft-recovery 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC DIODE FAST RECOVERY 1ST HEX SCHMITT inverter 3 to 8 line decoder Rectifier diodes fast, soft-recovery(快速,软恢复整流二极管) Octal bus buffer with 3 state outputs (inverted) Rectifier diodes fast/ soft-recovery
|
NXP Semiconductors N.V. Philips Semiconductors
|
SD1553C..KSERIES 2617 SD1553C18S20K SD1553C18S30K |
2800V Fast Recovery Diode in a DO-200AC (K-Puk) package 2500V Fast Recovery Diode in a DO-200AC (K-Puk) package 2200V Fast Recovery Diode in a DO-200AC (K-Puk) package 1800V Fast Recovery Diode in a DO-200AC (K-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
DSEK60-12A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED) 26 A, 1200 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
20ETF02S 20ETF02STRL 20ETF02STRR 20ETF04S 20ETF06S |
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE FAST SOFT RECOVERY 200V Fast Recovery Diode in a D2-Pak package 400V Fast Recovery Diode in a D2-Pak package 600V Fast Recovery Diode in a D2-Pak package SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE 软恢复表面贴装快速整流二极管
|
International Rectifier, Corp.
|
SD3553C SD3553C15S20K SD3553C20S20K SD3553C25S20K |
2500V Fast Recovery Diode in a B-44 (R-Puk) package 2000V Fast Recovery Diode in a B-44 (R-Puk) package 1600V Fast Recovery Diode in a B-44 (R-Puk) package FAST RECOVERY DIODES
|
International Rectifier
|
80EPF12 80EPF10 |
1200V Fast Recovery Diode in a TO-247AC package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
BYT03-400RL BYT03-400 BYT03-40001 BYT03 |
FAST RECOVERY RECTIFIER DIODE FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY ULTRAFAST DIODE Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
ST Microelectronics STMicroelectronics
|
SD233N36S50PC SD233N30S50PC SD233N40S50PC |
3600V Fast Recovery Diode in a B-8 package 3000V Fast Recovery Diode in a B-8 package 4000V Fast Recovery Diode in a B-8 package
|
International Rectifier
|
TFR3T TFR3N |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
DSEK60 L236 DSEK60-06A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED)
|
IXYS[IXYS Corporation]
|