PART |
Description |
Maker |
AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-1 |
AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ETC
|
70982-1005 |
LFH and TDP? Panel Mount Hex Screw Kit
|
Molex Electronics Ltd.
|
42R06-1211 42R06-1212 |
16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
|
PowerDynamics, Inc
|
42R01-1121 42R01-1122 42R01-1224 42R01-1221 42R01- |
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
|
PowerDynamics, Inc
|
43R02-2111 43R02-2212 43R02-2X1X 43R02-2112 43R02- |
10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; CROSS FLANGE, PANEL MOUNT
|
PowerDynamics, Inc
|
ZLDO485T8 ZLDO485 |
Circular Connector; Body Material:Thermoplastic; Series:C016; No. of Contacts:3; Connecting Termination:Screw; Circular Shell Style:Cable Plug; Features:Strain Relief with Clamping Ring RoHS Compliant: Yes Circular Connector; Body Material:Thermoplastic; Series:C016; No. of Contacts:3; Connecting Termination:Screw; Circular Shell Style:Straight Receptacle; Features:Strain Relief with Clamping Ring RoHS Compliant: Yes 4.85伏超低压差稳压器 4.85 VOLT ULTRA LOW DROPOUT REGULATOR
|
ZETEX PLC Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
Z86L8108PSC Z86L8908PSC Z86L8708FSC |
CONN JACKSOCKET M2.5/M2 13.5MM SCREW MOUNT KIT .62 X .35 Jack Screw; Screw Length:18mm; Leaded Process Compatible:No; Material:Stainless Steel; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP44
|
ZiLOG, Inc.
|
0743209054 74320-9054 |
MicroCross DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, Gold(Au) Flash, Polyester (PBT), with Hex Jack Screw, 2.34mm(.092) P.C. Tail Length, 24
|
Molex Electronics Ltd.
|
GRS-2013A-2400 GRS-2013A-2401 |
ROCKER SWITCH ASSY. CENTER OFF STYLE LINE 1.125 x .550 PANEL
|
CW Industries
|
0673519004 67351-9004 |
MicroCross DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, PCBExtended Height Receptacle, Gold (Au) Flash, Polyester (PBT),Screw Hole, 4-40
|
Molex Electronics Ltd.
|
GSP4.0207.10 GSP4.0207.16 GSP4.0210.13 GSP4.0205.1 |
IEC Appliance Inlet C20 or C24, Split panel or screw-on mounting, PCB Terminal
|
Schurter Inc.
|
|