PART |
Description |
Maker |
CMOZ9L1 CMOZ6L2 CMOZ6L8 CMOZ5L1 CMOZ5L6 CMOZ20L CM |
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
|
Central Semiconductor Corp
|
E1008 E512 E530 E522 E531 E533 E513 |
Green, low profile surface mount LED. Lens translucent green. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.20V. High efficiency red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 5.0mcd (min), 12.0mcd (max). Typ.forward voltage at 20mA 2.00V. Ultra bright red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 40.0mcd (min), 70.0mcd (max). Typ.forward voltage at 20mA 1.85V. Yellow, low profile surface mount LED. Lens translucent yellow. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.10V. SMT Bright White LEDs
|
GILWAY[Gilway Technical Lamp]
|
STK4101V STK4111V STK4301V STK4302V STK4311V STK43 |
2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
|
SANYO[Sanyo Semicon Device] ETC
|
MSMC-0102 MSMC-0104 MSMC-0103 MSMC-0105 MSMC-0100 |
PHOTOCELL,90mW,150V PEAK, 27KohmMAX LIGHT,2MohmMIN DARK PHOTOCELL,150mW,200VPK,3.6Kohm MAX LITE,0.3Mohm MIN DARK PHOTOCELL,90mW,150VPK,5Kohm, MAX LITE,20Mohm MIN DARK PHOTOCELL,400mW,350VPK,8Kohm MAX LITE,1Mohm MIN. DARK PHOTOCELL,100mW,150VPK,3Kohm, MAX LITE, 0.2Mohm MIN DARK PHOTOCELL,100mW,150VPK,80Kohm, MAX LITE,5Mohm MIN DARK CAP,CERM,DISC,470PF,1KV,20% CAP,CERM,DISC,0.047UF,1KV,20% AP,CERM,DISC,5PF,50V,20% INCREMENTS of 10 PHOTOCELL,90mW,150VPK,27Kohm, MAX LITE,0.3Mohm MIN DARK 医药0W的超小型开关电 PHOTOCELL,90mW,150VPK,10Kohm, MAX LITE,20Mohm MIN DARK 医药0W的超小型开关电
|
Astrodyne, Inc.
|
CMDZ4L3 CMDZ4L7 CMDZ8L2 CMDZ9L1 CMDZ2L0 CMDZ43L CM |
SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS ±5% TOLERANCE SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
|
Central Semiconductor Corp Central Semiconductor C...
|
FTR-K1AL018W-LB FTR-K1AL005W-LB |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 18VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.05A (COIL), 5VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
MSOP-8 |
A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.950
|
Analog Microelectronics
|
HFA3926 HFA3926IA HFA3926IA96 FN4282 |
From old datasheet system 2.0GHz - 2.7GHz 250mW Power Amplifier
|
INTERSIL[Intersil Corporation]
|
HFA3925 HFA3925IA HFA3925IA96 FN4132 |
From old datasheet system null2.4GHz - 2.5GHz 250mW Power Amplifier
|
INTERSIL[Intersil Corporation]
|
P2681A-08TT P2681A P2681A-08SR P2681A-08ST P2681A- |
ICs for Inductive Proximity Switches; Package: S--0; VCC (min): 3.1 V; VCC (max): 40.0 V; ICC (max): 0.84 mA; IQ (max): 60.0 mA; Operating Temperature (min): -40.0 degC; General Purpose EMI Reduction IC
|
ALSC[Alliance Semiconductor Corporation]
|
MAX2232 MAX2233 |
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
|
MAXIM - Dallas Semiconductor
|
MAX2232 MAX2232EEE MAX2233EEE MAX2233 |
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|