PART |
Description |
Maker |
D8052AH |
8 BIT CONTROL ORIENTED MICROCOMPUTERS
|
Intel
|
P8031AH P8032AH N8031 D8031 8031 D8032AH 8032AH N8 |
8 BIT CONTROL ORIENTED MICROCOMPUTERS
|
INTEL[Intel Corporation]
|
UPD78310-1B UPD78310L UPD78P312G-36 UPD78312L UPD7 |
8-BIT, SINGLE-CHIP CMOS MICROCOMPUTERS, REAL-TIME CONTROL ORIENTED
|
NEC[NEC]
|
LC6528F LC6528L LC6528N LC6527F LC6527L LC6527N |
SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
|
SANYO[Sanyo Semicon Device]
|
UPD78310 UPD78312 |
(UPD78310 / UPD78312) 8-Bit Single-Chip CMOS Microcomputers / Real Time Control Oriented
|
NEC Electronics
|
TMC4670 TMC4670-BI TMC4670-EVAL |
Field Oriented Control (FOC) w/ Servo Controller
|
TRINAMIC Motion Control...
|
UPD78310G-36 UPD78310-1B UPD78312-1B UPD78312G-36 |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 8-BIT, SINGLE-CHIP CMOS MICROCOMPUTERS, REAL-TIME CONTROL ORIENTED
|
http:// NEC Corp.
|
AK4492ECB |
Quality Oriented 32-Bit 2ch DAC
|
Asahi Kasei Microsystem...
|
AM29LV640MH/L |
64 Mbit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersitileI/O Control (Advance Information) 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices
|
ST72T141K2 ST72141 ST72141K2M3 |
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE 8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM. 256 BYTES RAM.ADC. WDG. SPI & 2 TIMERS. SDIP32-SO34
|
STMicroelectronics
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|