PART |
Description |
Maker |
PMBT3946YPN |
40 V, 200 mA NPN/PNP general-purpose double transistor 40 V, 200 mA NPN-PNP general-purpose double transistor 200 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PMBT3906YS PMBT3906YS115 |
40 V, 200 mA PNP/PNP general-purpose double transistor 40 V, 200 mA PNP-PNP general-purpose double transistor 40 V, 200 mA PNP/PNP general-purpose double transistor; Package: SOT363 (SC-88); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
PHPT610030NPK |
NPN/PNP high power double bipolar transistor
|
NXP Semiconductors
|
PEMD30 |
NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open
|
NXP Semiconductors
|
FMB1020 |
NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package 500 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
|
Delta Electronics, Inc. FAIRCHILD[Fairchild Semiconductor]
|
BCM847DS BCM847BS BCM847BV BCM847BV115 |
NPN/NPN matched double transistors; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN matched double transistors
|
NXP Semiconductors N.V.
|
DDTD114TU-7 DDTD114EU-13 |
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
BC807 BC327 BC807W BC327T/R BC807-25W/T3 BC807-40. |
45 V, 500 mA PNP general-purpose transistors 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
SLA4340 |
PNP NPN Darlington Transistor (H-Hridge)(PNP NPN达林顿晶体管H桥)) 4 A, 60 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR PNP NPN Darlington H-bridge
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2N538 2N522 2N941 2N586 2N502A 2N795 2N738 2N779 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 8V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 8V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-9 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | TO-9 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 200MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | TO-18 晶体管|晶体管|叩| 50V五(巴西)总裁|8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 500mA的一(c)|
|
Central Semiconductor, Corp. Microsemi, Corp.
|
|