PART |
Description |
Maker |
AT-266TR AT-266RTR 1BIT 10DBSTEP DC2.0GHZ |
Digital Attenuator锛?1 Bit锛?10 dB Step DC2.0 GHz Digital Attenuator/ 1 Bit/ 10 dB Step DC - 2.0 GHz Digital Attenuator1 Bit10 dB Step DC2.0 GHz Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
|
Tyco Electronics
|
PE43704 |
RF Digital Step Attenuator, 7-bit
|
Peregrine Semiconductor
|
AT-267 AT-267SMB AT-267TR AT-267TR-3 |
Digital Attenuator 1 Bit 15 dB Step DC - 2.0 GHz
|
MACOM[Tyco Electronics]
|
AT-266_1 AT-266 AT-266TR AT-2661 |
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
|
MACOM[Tyco Electronics]
|
RFSA2624PCK-410 RFSA2624SQ RFSA2624SR RFSA2624TR13 |
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
|
RF Micro Devices
|
PE43704MLCA-Z |
UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
|
Peregrine Semiconductor
|
ADS-111MM ADS-111MC |
4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 0; Temperature Range: -40°C to 85°C Analog-to-Digital Converter12-Bit Analog-to-Digital Converter??? 12-Bit 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 0; Temperature Range: -40°C to 85°C 模拟到数字转换器2
|
Murata Power Solutions, Inc.
|
F1956 |
7-Bit 0.25 dB Wideband Digital Step Attenuator
|
Integrated Device Techn...
|
MAX1722 MAX1722EZK MAX1722EZK-T MAX1723 MAX1723EZK |
1.5uA IQ / Step-Up DC-DC Converters in Thin SOT23-5 " 1.5?A IQ, Step-Up DC-DC Converters in Thin SOT23-5" 1.5uA IQ Step-Up DC-DC Converters in Thin SOT23-5 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1 A SWITCHING REGULATOR, PDSO5 Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP 0 to 0 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5 1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1203BC/D MAX1202BC/D MAX1202AEPP MAX1202BCAP |
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Scan Test Devices With 18-Bit Bus Transceivers 56-SSOP -40 to 85 DIODE VOLTAGE SUPPRESSOR 170V 5v / 8-cHANNEL / sERIAL / 12-bIT adcS WITH 3v dIGITAL iNTERFACE
|
Maxim Integrated Products, Inc.
|
5962-8953601YX 5962-8953604UX 5962-8953603ZX 5962- |
16-Bit, 5V, 200ksps ADC with 10µA Shutdown Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters X9热卖异步FIFO
|
Chicago Miniature Lighting, LLC
|