PART |
Description |
Maker |
CD214A-B240LLF |
Schottky Barrier Rectifi er Chip Diode
|
Bourns Electronic Solut...
|
SD530YS SD550YS SD580YS SD5100YS SD520YS SD540YS S |
(SD520YS - SD5100YS) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) 表面贴装肖特基(电压20100伏特,电 5安培
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
SB16-100A-SMD SB16-100R-SMD SB16-100SMD SB16-100M- |
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阴极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阳极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,串行连接)) DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HIREL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 16 A, 100 V, SILICON, RECTIFIER DIODE
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd.
|
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SDMG0340LA SDMG0340LA-7 SDMG0340L SDMG0340L-7 SDMG |
SURFACE MOUNT SCHOTTKY BARRIER DIODE DIR-COUPLER 18.5DB 1805-1880MHZ THIN-FILM SMD-0402 LGA-SN90/PB10 T&R SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.03 A, 40 V, SILICON, SIGNAL DIODE
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
SGPD220S-15 SGPD2BS SGPD240S SGPD260S |
Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 0.2A Surface Mount Schottky Rectifier
|
GOOD-ARK Electronics
|
B8220K6 HSMS2825 HSMS2828 HSMS2829 HSMS282E HSMS28 |
2.2V 1Amp surface mount zero bias schottky detector diode 2.0V 1Amp surface mount zero bias schottky detector diode 4.9V 1Amp surface mount zero bias schottky detector diode 4.7V 1Amp surface mount zero bias schottky detector diode 4.5V 1Amp surface mount zero bias schottky detector diode 4.2V 1Amp surface mount zero bias schottky detector diode 4.0V 1Amp surface mount zero bias schottky detector diode Rectifier Diode Surface Mount Zero Bias Schottky Detector Diodes 4.1V 1Amp surface mount zero bias schottky detector diode 4.4V 1Amp surface mount zero bias schottky detector diode 4.3V 1Amp surface mount zero bias schottky detector diode 4.6V 1Amp surface mount zero bias schottky detector diode 4.8V 1Amp surface mount zero bias schottky detector diode 2.4V 1Amp surface mount zero bias schottky detector diode
|
http:// List of Unclassifed Manufacturers ETC[ETC] BayLinear Electronic Theatre Controls, Inc.
|
SS33A SS36A SS32A SS38A SS35A SS34A SS310 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Low reverse leakage
|
Chendahang Electronics Co., Ltd Chendahang Electronics Co.,... Chendahang Electronics ...
|
SK13-13-F SK15-13 SK12-13-F SK14-13 SK14-13-F SK12 |
DIODE SCHOTTKY 1A 30V SMB 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
MBR0540T10511 MBR0540T3G MBR0540T1 MBR0540T1G MBR0 |
Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package Surface Mount Schottky Power Rectifier SOD?123 Power Surface Mount Package
|
http:// ONSEMI[ON Semiconductor]
|