PART |
Description |
Maker |
SMA6J6.0A SMA6J6.0CA SMA6J6.5A SMA6J6.5CA SMA6J60A |
5V ~ 85V, 600W Peak Power Surface Mount TVS
|
SeCoS Halbleitertechnol...
|
2SB633 2SB633E 2SB633C |
TRANSISTOR | BJT | PNP | 85V V(BR)CEO | 6A I(C) | TO-220AB POWER TRANSISTORS(6.0A/85V/40W) POWER TRANSISTORS(6.0A,85V,40W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
R2A-600D1V2 |
600W 600W 2/3U Redundant Power Supply.
|
List of Unclassifed Man...
|
2SD633P |
V(cbo): 100V; V(ceo): 85V; V(ebo): 6V; 6A; 60W; epitaxial planar silicon transistor. For 85V/6A, AF 35 to 45W output applications
|
SANYO
|
T1020-600W T1030-600W |
(T1020-600W / T1030-600W) SNUBBERLESS TRIAC
|
ST Microelectronics
|
HPL1117V HPL1117U HPL1117G HPL1117F HPL1117 HPL111 |
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V 1A低压差快速反应积极可调稳压器和固定在1.8V2.5V,工作在2.85V.3VV RES CERAMIC COMP 820 OHM 2W
|
Electronic Theatre Controls, Inc. ETC ETC[ETC]
|
P6KE20A P6KE7.5 P6KE7.5A P6KE200A P6KE300 P6KE440A |
Transient Voltage Suppressors TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器 16-Bit Registered Transceivers with 3-State Outputs 56-SSOP -40 to 85 瞬态电压抑制器 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 瞬态电压抑制器 Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
Fairchild Semiconductor Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
HFCN-2275 |
HI PASS FLTR /SURF MT / T&R / RoHS
|
Mini-Circuits
|
HFCN-1320 |
HI PASS FLTR /SURF MT / T&R / RoHS
|
Mini-Circuits
|
Z2SMB6.8 Z2SMB68 Z2SMB6.2 Z2SMB62 |
Surf ace Mount Silicon Zener Diodes
|
TY Semiconductor Co., L...
|
1.5KE20 1.5KE180 1.5KE110 1.5KE7.5 1.5KE27 1.5KE8. |
VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnologie... SeCoS Halbleitertechnol...
|