PART |
Description |
Maker |
GBU6J GBU6J-BP GBU6A-BP GBU6D-BP GBU6M-BP GBU6B-BP |
6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 6A 600V GBU 6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 6A 800V GBU 6 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
HD01 HD04 HD06 HD08 HD02 HD10 |
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
|
Diotech Company.
|
B1S07 B4S |
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
|
Pan Jit International Inc.
|
FMD6S FMD3S FMD7S FMD2S FMD4S FMD5S FMD1S |
SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere) 0.5 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere) 0.5 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere) 0.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|
SL22-T1 SL22-T3 SL22 SL24-T3 SL23-T1 SL23-T3 SL24- |
LED RECT 4X12 PURE GRN DIFF 4PIN 2.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
S80 S380 S125 S250 S500 |
0.8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Surface Mount Si-Bridge Rectifiers
|
SEMIKRON[Semikron International]
|
CBRHD-02 CBRHD-04 CBRHD10 CBRHD06 CBRHD02 CBRHD04 |
HIGH DENSITY SURFACE MOUNT AMP DUAL IN LINE BRIDGE RECTIFIER HIGH DENSITY SURFACE MOUNT AMP DUAL IN LINE BRIDGE RECTIFIER High Density Surface Mount 0.5AMP Dual in Line Bridge Rectifier(重复峰值反向电000V,高密度表面安.5 A双列直插桥式整流 High Density Surface Mount 0.5AMP Dual in Line Bridge Rectifier(重复峰值反向电00V,高密度表面安.5 A双列直插桥式整流 HIGH DENSITY SURFACE MOUNT ? AMP DUAL IN LINE BRIDGE RECTIFIER
|
Central Semiconductor Corp.
|
2450AT42E0100 2450AT42E0100E |
2.4 GHz Surface Mount 2.4 GHz Surface Mount, Above Metal, Low Profile Mini Chip Antenna This antenna must have metal directly underneath on bottom layer in order to function
|
Johanson Technology Inc...
|
CBXC4IW-A CBXD6IW-AY CBX12IW-AY CBX1IW-A CBX2IW-AY |
Mini-Com? Surface Mount Boxes
|
PANDUIT CORP.
|
MFW-D-S-RA-SMT-1 MFW-C-S-RA-SMT-2 MFW-D-S-RA-SMT-2 |
MINI FIREWIRE THRU-HOLE & SURFACE MOUNT
|
Adam Technologies, Inc.
|
MPF-XX-V-T-L |
MINI FLEX FEMALE SURFACE MOUNT
|
Adam Technologies, Inc.
|