PART |
Description |
Maker |
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
MSK5012ZS |
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR 1.3 V-36 V ADJUSTABLE POSITIVE LDO REGULATOR, 1 V DROPOUT, SFM5
|
M.S. Kennedy, Corp.
|
L6902D013TR L6902D |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1A CONSTANT CURRENT BATTERY CHARGER UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
A317BT3U A317BT3VU |
BIPOLAR LINEAR REGULATOR HIGH CURRENT ADJUSTABLE VOLTAGE
|
AIT Components Ltd.
|
LM2940J LM2940N LM2940S LM2940T LM2941S LM2941J LM |
1.25A High Current Low Dropout Voltage Regulator Adjustable
|
List of Unclassifed Man... BayLinear ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
NCV47700 |
5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
|
ON Semiconductor
|
B29150 |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output
|
Bay Lineer
|
MAX731-MAX752 MAX732CPA MAX732CWA MAX732EPA MAX732 |
5V Adjustable CMOS Step Up Current Mode DC-DC Conerter(5V,无外部MOSFET,步升,PWM DC-DC变换 5V、升压型、电流模式PWM DC-DC转换 5V, Step-Up, Current-Mode, PWM DC-DC Converter 5V/Adjustable Step-Up Current-Mode DC-DC Converters 5V/Adjustable升压电流模式的DC - DC转换
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT3845NBSP |
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
|
Linear Technology
|
LTC1708-PG LTC1708EG-PG 1708I |
Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck Regulator Controller From old datasheet system Dual Adjustable 5-Bit VID High Efficiency/ 2-Phase Current Mode Synchronous Buck Regulator Controller Dual Adjustable 5-Bit VID Synchronous Buck Regulator Controller
|
LINER[Linear Technology]
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|