PART |
Description |
Maker |
SCF10000 SCF5000 SCF7500 SCF12500 SCF2500 |
High Voltage,High Density Fast Recovery Rectifier(反向电压2500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压7500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压5000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
XLR XLR5 XLU12 XL10 XMR XMU XLU XMR5 XMU10 XLR10 X |
HIGH VOLTAGE RECOVERY FOR X-RAY AND INDUSTRIAL APPLICATIONS STANDARD AND FAST RECOVERY TYPES
|
Electronic devices inc. Electronic Devices, Inc.
|
SDH20F1 SDH40FS SDH30F |
FAST RECOVERY HIGH VOLTAGE RECTIFIER 1 A, SILICON, SIGNAL DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
BYW100-200 BYW100-200RL |
Low noise low drop voltage regulator with shutdown function 高效快速恢复整流二极管 HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
|
STMicroelectronics N.V. ST Microelectronics
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
1F1G 1F2G 1F3G 1F4G 1F5G 1F6G 1F7G |
Fast Recovery Pack: R-1 FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
3W 3RW3 3RW2 3W2 3W3 3W2.5 |
HIGH VOLTAGE, HIGH CURRENT, FAST RECOVERY SILICON RECTIFIER DIODES
|
Electronic Devices, Inc.
|
RVF10 RVF12.5 RVF20 RVF15 RVF8 RVF40 RVF25 RVF30 |
FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
|
Electronic devices inc.
|
APT30D30BG |
High Voltage Fast Recovery Diode
|
Microsemi
|
SEN-3698 |
High Voltage Multiplier Fast Recovery HIGH VOLTAGE MULTIPLIER, FAST RECOVERY
|
Sensitron ETC List of Unclassifed Manufacturers http://
|
SDRS614LL |
FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
SSDI
|