PART |
Description |
Maker |
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
ST92185B3T1 ST92185B1 ST92185B1T1 ST92185B2 ST9218 |
16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY 16K/24K/32K光盘HCMOS微控制器屏幕显示
|
STMicroelectronics N.V.
|
ST62P25C ST6225C ST6215C ST62P15CM6 ST62T25CM3 ST6 |
(ST62P15C / ST62P25C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGARD. SAFE RESET AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器SAFEGARD。安全复位和28个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
ST9291 ST9291J2 ST9291J3 ST9291J4 ST9291J5 ST9291J |
8/16-BIT MICROCONTROLLER (MCU) WITH 16-48K ROM, OTP, EPROM, ON SCREEN DISPLAY AND VOLTAGE TUNING OUTPUT 16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
ST72F340K2T6 ST72F344K2T6 |
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
|
STMicroelectronics
|
Z08617 Z0861705PSC |
5 MHz keyboard controller (KBC) NMOSZ8 8-bit MCU. 4 Kbytes of ROM, 124 bytes of RAM NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER
|
Zilog, Inc.
|
C8051F015DK C8051F018 |
16K Flash / 1.25K RAM / 10-Bit ADC / 64-Pin MCU C8051F018 16K Flash, 1.25K RAM, 10-Bit ADC, 64-Pin MCU
|
List of Unclassifed Manufacturers ETC[ETC] CYGNAL Integrated Products Inc
|
ST72371 5835 ST72T372J4B1 ST72T372J4T1 ST72372J4B1 |
8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI From old datasheet system 8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I 2 C AND SCI
|
STMicroelectronics
|
ST72F361AR9T6 ST72F361AR6T3 ST72F361AR6T6 ST72P361 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72561AR6 ST72561AR9 ST72561K6 ST72561R6 ST72F561 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
|
ST Microelectronics
|