PART |
Description |
Maker |
AT89LS8252 AT89S8252 |
Low Voltage, Downloadable MCU with 8K bytes Flash and 2K bytes EEPROM. In-System Programmable Microcontroller with 8K bytes Flash & 2K bytes EEPROM
|
Atmel
|
AT89C2051X2 AT89C2051X2-16PC AT89C2051X2-16PI AT89 |
2.7-Volt, 80C31 Microcontroller with 2K bytes Flash, x2 Clock, 20-Pin Package 8-bit Microcontroller with 2K Bytes Flash
|
ATMEL Corporation
|
AT89S8253 |
In-System Programmable Microcontroller with 12K bytes Flash & 2K bytes EEPROM
|
Atmel
|
TMP87CH33N |
CMOS 8-bit microcontroller / 16K bytes ROM / 1K bytes RAM
|
Toshiba
|
AT89S8253-24AI AT89S8253 AT89S8253-24JC AT89S8253- |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL[ATMEL Corporation]
|
AT89S8253 AT89S8253-24PSC AT89S8253-24PSI AT89S825 |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL Corporation
|
AT89C55WD AT89C55WD-24AC AT89C55WD-24AI AT89C55WD- |
From old datasheet system 80C32 Microcontroller with 20K Bytes Flash 8-bit Microcontroller with 20K Bytes Flash
|
ATMEL[ATMEL Corporation]
|
AT89S2051/S4051-24PU AT89S2051/S4051-24SU AT89S405 |
8-bit Microcontroller with 2K/4K Bytes Flash 2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
|
ATMEL Corporation
|
ATMEGA128 ATMEGA12816A ATMEGA128-16AC ATMEGA128-16 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 ER 5C 5#16S PIN RECP 8-bit Microcontroller with 128K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
PIC18F85J90_84J90_83J90 PIC18F85J90 PIC18F64J90-I_ |
LCD PIC18F Microcontroller with 32K bytes of Flash and 2048 bytes of RAM. These devices are easily a 64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
|
Microchip Technology Inc. Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
AT89S51-33AC AT89S51-33JC AT89S51-33PC AT89S51-33S |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQCC44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDIP40
|
Atmel Corp. Atmel, Corp.
|