PART |
Description |
Maker |
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
10ETF02STRL 10ETF02STRR 10ETF06STRL 10ETF06STRR 10 |
DIODE 10 A, 600 V, SILICON, RECTIFIER DIODE, D2PAK-3, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a D2-Pak package 400V Fast Recovery Diode in a D2-Pak package 600V Fast Recovery Diode in a D2-Pak package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
T40HFL100S02 T40HFL100S05 T85HFL100S02 T85HFL100S0 |
100V Fast Recovery Diode in a T-Module package 600V Fast Recovery Diode in a T-Module package 400V Fast Recovery Diode in a T-Module package 1000V Fast Recovery Diode in a T-Module package FAST RECOVERY DIODES
|
IRF[International Rectifier]
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
MURH860CT MURH805CT MURH810CT MURH820CT MURH840CT |
8.0A, 200V ultra fast recovery rectifier 8.0A, 100V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
BYT03-400RL BYT03-400 BYT03-40001 BYT03 |
FAST RECOVERY RECTIFIER DIODE FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY ULTRAFAST DIODE Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
ST Microelectronics STMicroelectronics
|
DSEI60 DSEI60-06 DSEI60-06A DSEI600V |
Fast Recovery Epitaxial Diode (FRED) 快速恢复外延二极管(弗雷德 Fast Recovery Epitaxial Diode (FRED) 60 A, 600 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS, Corp. ETC IXYS[IXYS Corporation]
|
TFR1N TFR1T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (fast recovery)
|
TOSHIBA
|
8EWF12STRR 8EWF10S 8EWF10STRL 8EWF10STRR 8EWF12STR |
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 1000V Fast Recovery Diode in a D-Pak package 1000V快恢复二极管在D - Pak封装
|
IRF[International Rectifier] Vishay Intertechnology, Inc.
|
SMAU2G |
Ultra Fast Recovery Diode ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
|
Korea Electronics (KEC) KEC(Korea Electronics)
|