PART |
Description |
Maker |
IDT72V36110 |
3.3 VOLT HIGH-DENSITY SUPERSYNC II? 36-BIT FIFO
|
IDT
|
IDT72V283 72V223-72V293_DS IDT72V263 |
3.3 VOLT HIGH-DENSITY SUPERSYNC II? NARROW BUS FIFO From old datasheet system
|
IDT
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
DSP56374UM_D DSP56300FM_AD DSP56374 DSP56374PB_D |
a high-density CMOS device
|
FREESCALE[Freescale Semiconductor, Inc]
|
MACH220-10 MACH220-10JC MACH220-10JI MACH220-12 MA |
High-Density EE CMOS Programmable Logic
|
Advanced Micro Devices
|
MACH210-12JC MACH210-15JC MACH210-20JC MACH210A-10 |
High-Density EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor] Advanced Micro Devices
|
MACH215-12 MACH215-12JC MACH215-15JC MACH215-20JC |
High-Density EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor]
|
MACHLV210-12 MACHLV210-12JC MACHLV210-15JC MACHLV2 |
High Density EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor]
|
CBRLDSH2-40 CBRLDSH2-40-15 |
SURFACE MOUNT HIGH DENSITY HIGH DENSITY SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor C...
|