PART |
Description |
Maker |
SP1486EMN-L SP1486E SP1486EEN-L |
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 【15kV ESD-Protected
|
SIPEX[Sipex Corporation]
|
AOB1608L |
60V N-Channel Rugged Planar MOSFET
|
Alpha & Omega Semiconductors
|
LT1791HSPBF LT1785HS8PBF LT1785ACS8TR |
60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 14; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO14 60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX3460 MAX3460CPD MAX3460CSD MAX3460EPD MAX3460ES |
5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDSO14 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDIP8 Single LVDS Receiver 5-SOT-23 -40 to 85 Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 " 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers" 5V Fail-Safe 20Mbps Profibus RS-485/ RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers 5V / Fail-Safe / 20Mbps / Profibus RS-485/ RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AN601 |
Unclamped Inductive Switching Rugged MOSFETs For Rugged Environments
|
Vishay Siliconix
|
BYQ30E BYQ30E-150 BYQ30E-200 BYQ30EB-150 BYQ30EB-2 |
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors 整流二极管超快。崎 Rectifier diodes ultrafast, rugged 8 A, 150 V, SILICON, RECTIFIER DIODE Rectifier diodes ultrafast, rugged 8 A, 200 V, SILICON, RECTIFIER DIODE SERVSELECT PS/2 30FT CPU CABLE Rectifier diodes ultrafast, rugged(超快速、强化的整流器二极管) Rectifier diodes ultrafast/ rugged
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ADM1486AR-REEL7 ADM1486ARZ1 ADM1486ARZ-REEL71 ADM1 |
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
|
Analog Devices
|
MAX14770EATAT MAX14770EESAT |
High-ESD Profibus RS-485 Transceiver
|
Maxim Integrated Products
|
MAX14770EATA MAX14770EGSA MAX14770EGUA MAX14770E12 |
High-ESD Profibus RS-485 Transceiver
|
Maxim Integrated Products
|
705-52-A-321 705-5100-F21 |
Enhanced Model 705 with PROFIBUS PA Digital Output
|
Magnetrol International, Inc.
|
IRFY044CM |
60V 0.040Ω N-Channel HEXFET Power MOSFET(60V 0.040Ω N沟道 HEXFET 功率 MOS场效应管) 60V.040ΩN沟道HEXFET功率MOSFET60V.040Ω沟道的HEXFET功率马鞍山场效应管)
|
International Rectifier, Corp.
|