PART |
Description |
Maker |
SMCG24 SMCG24A SMCJ5.0 SMCJ60 SMCJ60A SMCJ78 SMCJ1 |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 表面贴装TRANSZORB⑩瞬态电压抑制器 CMOS Hex Inverter 14-CDIP -55 to 125 Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk INDUCTEL SENSOR RS 485-232 CMOS 12-Stage Ripple-Carry Binary Counter/Divider 16-SOIC -55 to 125 Replaced by CD4020B : CMOS 14-Stage Ripple-Carry Binary Counter/Divider 16-CDIP -55 to 125 SURFACE MOUNT TRANSZORB垄芒 TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. GE[General Semiconductor] http://
|
ESD5Z2.5 ESD5Z3.3 ESD5Z5.0 ESD5Z7.0 ESD5Z6.0 |
Transient Voltag e Suppressors for ESD Protection 200 WATTS 2.5-7.0 VOLTS
|
Weitron Technology
|
SMBJ60 SMBJ36A SMBJ18 SMBJ12 SMBJ6.5 SMBJ6.0 SMBJ4 |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
http:// Vishay Siliconix
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|
SMDJ100A SMDJ110A SMDJ130A SMDJ120A SMDJ150 SMDJ17 |
100.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 110.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 130.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 120.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 150.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 170.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 160.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications
|
MDE Semiconductor
|
TGL41-6.808 TGL41-68 TGL41-10 TGL41-100 TGL41-100A |
Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
SMP11A-M3-84A SMP11A-M3-85A SMP26A SMP28A SMP24A S |
Surface Mount TRANSZORB Transient Voltage Suppressors 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-220AA HALOGEN FREE AND ROHS COMPLIANT, PLASTIC PACKAGE-2 Surface Mount TRANSZORB Transient Voltage Suppressors
|
Vishay Siliconix http:// Vishay Beyschlag
|
P4SMAJ200A P4SMAJ30 P4SMAJ20 P4SMAJ12A P4SMAJ7.0 P |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSIENT VOLATAGE SUPPRESSOR
|
Formosa MS
|
SMA5J30 SMA5J30A SMA5J33 SMA5J33A SMA5J36 SMA5J36A |
High Power Density Surface Mount TRANSZORB? Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB庐 Transient Voltage Suppressors High Power Density Surface Mount TRANSZORB㈢ Transient Voltage Suppressors
|
Vishay Siliconix
|
1SMC8.0AT3 1SMC6.5AT3 1SMC26AT3 1SMC7.0AT3 |
1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电7.0V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.0V,齐纳瞬变电压抑制器) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
5.0SMDJ70 5.0SMDJ40 5.0SMDJ400A 5.0SMDJ40A 5.0SMDJ |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|
SMCJ15 SMCJ6.0 SMCJ140CA SMCJ140A SMCJ400A SMCJ300 |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors
|
UN Semiconducctor INC
|