PART |
Description |
Maker |
SD103AWS |
350mA Surface Mount Small Signal Schottky Diode -20V-40v
|
Formosa MS
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
DCX124EU DCX124EU-7 DCX114TU-7 DCX114TU DCX114YU-7 |
HDR P R 12P PW N 1X12.100TQ 30 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Redel 1P/ Female Solder 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 REDEL 1P Series 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 CONNECTOR, HEADER, 3 PIN SINGLE ROW 50 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
LTC3490ES8 LTC3490 LTC3490EDD LTC3490EDDPBF |
Single Cell 350mA LED Driver; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
LWH1000 |
1.6隆驴0.8隆驴0.4 mm(L隆驴W隆驴H) small size surface mount type 1.6×0.8×0.4 mm(L×W×H) small size surface mount type
|
LUXPIA
|
DDTC113ZUA2 DDTC144WUA DDTC114YUA-7-F DDTC123YUA-7 |
Prebiased Transistors NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
DDTC114EKA DDTC114EKA-7 DDTC124EKA DDTC124EKA-7 DD |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR npn型预偏置小信号资 59表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
QTLP673C-YTR QTLP673C QTLP673C-E QTLP673C-ETR QTLP |
Surface mount LED lamp. Cyan. SURFACE MOUNT LED LAMP POWER PLCC-4 SINGLE COLOR LED, YELLOW ORANGE, 2.4 mm SURFACE MOUNT LED LAMP POWER PLCC-4 SINGLE COLOR LED, TRUE GREEN, 2.4 mm SURFACE MOUNT LED LAMP POWER PLCC-4 SINGLE COLOR LED, ORANGE, 2.4 mm Shielded Paired Cable; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes SINGLE COLOR LED, YELLOW, 2.4 mm Surface Mount LED Lamp - Super Bright PLCC-4
|
EVERLIGHT ELECTRONICS CO LTD Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BC847PN-7-F |
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
MT7200 |
350mA LED driver
|
Maxic Technology
|