PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
SSTC1.5 SSTC500 SSTC3 SSTC2.5 SSTC4 SSTC3.5 SSTC37 |
2410 size SMD fuses, pre-assembled in SMD clips
|
Bel Fuse Inc.
|
SSRF-240D25 SSRF-240D25R SSRF-480D25 SSRF-480D25R |
25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink Solid State Relays
|
Tyco Electronics
|
53209 53210 53211 |
SPDT SOLID-STATE RELAYS High Power AC/DC Switching TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
QTLP912-2 QTLP912-3 QTLP912-4 QTLP912-9 QTLP913 QT |
SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS Green Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp SUBMINIATURE T-3/4 (1.9mm) SOLID STATE LAMPS Green Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
RIF-3-RPT-LV-120AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-2-RSC-LDP-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|