Part Number Hot Search : 
LBN70A12 C1010 100070 97409 IRLI640A 28A10R 7620K BAS70
Product Description
Full Text Search
  dc. Datasheet PDF File

For dc. Found Datasheets File :: 310473    Search Time::1.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NTQ123-DC

Emerson Network Power
Part No. NTQ123-DC
OCR Text DC Series 70 - 125 Watts Total Power: Input Voltage: # of Outputs: 70-120 Watts 36 - 72 VAC Quad Rev. 08.15.07 NTQ123-DC Series 1 of 3 RoHS Electrical Specifications Special Features * -48 VDC input * Remote sense on outputs on...
Description -48 VDC input

File Size 138.20K  /  3 Page

View it Online

Download Datasheet





    Logical Systems, Corp.
Brady, Corp.
RCD Components, Inc.
Semtech, Corp.
Winchester Electronics, Corp.
EXXELIA Group
Welwyn Components, Ltd.
Artisan Controls, Corp.
Pulse Engineering, Inc.
Signal Transformer
Vishay Intertechnology, Inc.
Part No. DC-LINKMKP4PCM37.540/10/450VDC DC-LINKMKP4PCM48.575/10/450VDC DC-LINKMKP4PCM37.514/5/1100VDC DC-LINKMKP4PCM37.540/20/700VDC DC-LINKMKP4PCM48.560/20/450VDC DC-LINKMKP4PCM37.514/20/1100VDC DC-LINKMKP4PCM48.560/10/450VDC DC-LINKMKP4PCM37.512/10/1100VDC DC-LINKMKP4PCM48.560/5/450VDC DC-LINKMKP4PCM37.540/20/450VDC DC-LINKMKP4PCM37.514/10/1100VDC DC-LINKMKP4PCM37.525/10/900VDC DC-LINKMKP4PCM48.525/10/1100VDC DC-LINKMKP4PCM37.525/10/450VDC DC-LINKMKP4PCM48.540/20/900VDC DC-LINKMKP4PCM37.55/20/1100VDC DC-LINKMKP4PCM37.512/20/1100VDC DC-LINKMKP4PCM37.545/5/450VDC DC-LINKMKP4PCM48.525/5/1100VDC DC-LINKMKP4PCM37.545/10/450VDC
OCR Text ...propylene (pp) capacitors for dc-link applications special features electrical data wima dc-link mkp 4 ? very high volume/capacitance ratio ? self-healing ? particularly reliable contact- configurations: 4-lead ve...
Description CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 450 V, 40 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 450 V, 75 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1100 V, 14 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 700 V, 40 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 450 V, 60 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1100 V, 12 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 900 V, 25 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1100 V, 25 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 450 V, 25 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 900 V, 40 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1100 V, 5 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 450 V, 45 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT

File Size 900.31K  /  6 Page

View it Online

Download Datasheet

    IRC Advanced Film
Part No. DC-LINKMKPC120/20/400VDC DC-LINKMKPC60/20/600VDC DC-LINKMKPC60/10/600VDC
OCR Text dc-link applications special features electrical data wima dc-link mkp c ? very high volume/capacitance ratio ? self-healing ? cylindrical capacitor body with axial screw and thread connections size m6 or m8 ?...
Description CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 400 V, 120 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 600 V, 60 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT

File Size 79.25K  /  2 Page

View it Online

Download Datasheet

    Carling Technologies
Part No. HA3-BO-24-450-1B1-DC
OCR Text ...e or multi-pole confgurations dc-ohms 50/60hz-ohms 1 0.8 50 .87 2.5 0.1 30 .15 5 0.035 0.03 6 7.5 0.018 0.01 9 10 0.0 10 .011 15 0.006 0.0061 20 0.005 0.0051 25 0.003 0.0035 30 0.002 50 .0026 current rating in amperes series 2 | h-s...
Description Circuit Breaker

File Size 4,013.90K  /  16 Page

View it Online

Download Datasheet

    Carling Technologies
Part No. GA1-B0-24-620-11-DC
OCR Text ...e dedicated for neutral break) dc: 80vdc (single pole and multipole) 0.2 C 63a. other ratings available, see ordering scheme. (optional) integrated, load side. spst, 3a C 125vac, 2a C 30vdc. auxiliary switch senses the on & off posit...
Description Circuit Breaker

File Size 2,207.09K  /  4 Page

View it Online

Download Datasheet

    2522A-SF-DC-SA 2522B-SF-DC-SA 2522C-SF-DC-SA 2522A-SF-AC-SA 2522B-SF-AC-SA 2522C-SF-AC-SA

Emcore Corporation
Part No. 2522A-SF-DC-SA 2522B-SF-DC-SA 2522C-SF-DC-SA 2522A-SF-AC-SA 2522B-SF-AC-SA 2522C-SF-AC-SA
OCR Text ...Arrays Schematic AC Coupled DC Coupled 2 1 EW Delay Lines 2 1 RF Out 50 ohm RF Out 50 ohm For DC coupled version, do not connect RF output to a DC voltage greater than the photodiode's bias voltage. Copyright (c)...
Description Microwave Packaged Photodiode

File Size 91.27K  /  3 Page

View it Online

Download Datasheet

    Digi International Inc.
Part No. DC-SP-01-JT DC-SP-01-C-25 DC-SP-01-GN-NR
OCR Text ...velopment kit (gnu) - includes dc-sp-01-gn dc-sp-01-gn unit w/jtag interface, hardware debugger, net+os platform cd, documentation, cables and power supplies units for custom applications digi connect sp bulk (rs-232 only) dc-sp-01r-c dc...
Description
File Size 1,165.33K  /  4 Page

View it Online

Download Datasheet

    BEL[Bel Fuse Inc.]
Part No. 0553-0043-DC
OCR Text DC TM0016 Bel provides a new transformer to be used with the Echelon Lontalk applications. M E C H A N I C A L S 0.11MIN 2.77 MIN * Primary Inductance is 3.5 mH minimum. * Isolation Voltage - 1500Vrms. bel Date Code 0553-004...
Description ISDN TRANSFORMER

File Size 59.75K  /  1 Page

View it Online

Download Datasheet

    NPT2021-DC-2P2GHZ-50W NPT2021-15

M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
Part No. NPT2021-DC-2P2GHZ-50W NPT2021-15
OCR Text ...i tr i d e 4 8 v , 50 w , dc - 2.2 ghz hemt built using the sigantic ? process - a proprietary gan - on - silicon technology dc - 2.2 ghz 50w gan hemt s ym b ol p a r am e t e r min t y p m a x u n i t s g ...
Description Gallium Nitride 48V, 50W, DC-2.2 GHz HEMT

File Size 927.26K  /  4 Page

View it Online

Download Datasheet

    IC-DC

IC-Haus GmbH
Part No. IC-DC
OCR Text dc 2-channel buck/boost dc/dc converter rev a3, page 1/ 19 features ? wide input voltage range of +4 to +36 v ? reverse polarity protection up to -36 v with autarky function ? universal buck/boost converter with high ef?ciency ? two back-en...
Description 2-CHANNEL BUCK/BOOST DC/DC CONVERTER

File Size 660.80K  /  19 Page

View it Online

Download Datasheet

For dc. Found Datasheets File :: 310473    Search Time::1.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dc.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.254812002182