PART |
Description |
Maker |
22-28-0020 |
KK? 254 Breakaway Header, Vertical, with Friction Lock, 2 Circuits, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
75757-1401 75757-1402 75757-1302 75757-1301 75757- |
MX150垄芒 Dual-Row Unshrouded Breakaway Header MX150?/a> Dual-Row Unshrouded Breakaway Header MX150 2X10 VERT HEADER ASSY 1.5 TIN
|
Molex Electronics Ltd. MOLEX INC
|
22-28-3336 |
KK? 254 Breakaway Header, Vertical, with Polarizing Wall, 33 Circuits, Tin (Sn) Plating, with Backwalls Removed
|
Molex Electronics Ltd.
|
42225-0266 |
KK? 254 Breakaway Header, Vertical, with Polarizing Wall, 21 Circuits, 0.38μm Gold (Au) Selective Plating, with Backwalls Removed
|
Molex Electronics Ltd.
|
0022282046-17 |
KK 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 4 Circuits
|
Molex Electronics Ltd.
|
NSF20504 NSF205023 NSF20607 NSFM150 NSFM250 NSFM35 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 700V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 15A I(D) | TO-254 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 15A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 25A I(D) | TO-254 晶体管| MOSFET的| N沟道| 100V的五(巴西)直|5A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 9A I(D) | TO-254 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 9A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 13A I(D) | TO-254
|
Sharma Electro Components, Inc.
|
43650-0330 43650-0417 43650-9915 43650-1116 43650- |
MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
640452-9 640452-3 |
"HEADER 0.1"" VERT 9 WAY “头0.1”,“垂9未来路 STIFTLEISTE MTA 2.54MM VERT 3POL STIFTLEISTE MTA.54毫米垂直3POL
|
Molex, Inc. TE Connectivity, Ltd.
|
EPS28 EPS48 EPS24 EPS17 EPS15 EPS12 WT4-15 EPS33 E |
TRANSIENT VOLTAGE SUPPESSOR TRANSIENT VOLTAGE SUPPESSOR 1000 W, BIDIRECTIONAL, SILICON, TVS DIODE CONN HEADER 7POS 3MM VERT GOLD CONN HEADER 7POS 3MM VERT TIN From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
A-43009-0002 |
KK? 254 Solid Header, Vertical, 2 Circuits, without Kinked PC Tails
|
Molex Electronics Ltd.
|
22-23-2041 |
KK? 254 Solid Header, Vertical, with Friction Lock, 4 Circuits, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
22-29-2151 |
KK? 254 Wire-to-Board Header, Vertical, with Friction Lock, 15 Circuits, Gold (Au) Plating
|
Molex Electronics Ltd.
|
|