Part Number Hot Search : 
L12PFI C35005 1N5819 SWS50 2SA124 C390M Z5225 M3062
Product Description
Full Text Search
  kinked Datasheet PDF File

For kinked Found Datasheets File :: 1863    Search Time::3.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. HLW20R-2A7
OCR Text ...ight angle and vertical type kinked solder tails available the gas-tight, high pressure (gth) contact system ensures a low cost connection with reliability equal to gold plating. the low insertion force (lif) contacts positioning pr...
Description 20 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER

File Size 485.81K  /  2 Page

View it Online

Download Datasheet





    Ametherm
Part No. SL154R008-03
OCR Text ...for example: to order an inside kinked lead use part number sl15 4r008-03 - a electrical specifications: mechanical specifications: csa file number: #ca118061 ...
Description Thermistor

File Size 42.68K  /  1 Page

View it Online

Download Datasheet

    BU5100JHHA XU5100JHHA CHU5100JHHA EU5100JHHA FU5100JHHA FYU5100JHHA RYU5100JHHA SLC0100 SLC0XXX SLU5100JHHA ELECTRONICTH

List of Unclassifed Manufacturers
ETC[ETC]
Pan Overseas Electronic
Part No. BU5100JHHA XU5100JHHA CHU5100JHHA EU5100JHHA FU5100JHHA FYU5100JHHA RYU5100JHHA SLC0100 SLC0XXX SLU5100JHHA ELECTRONICTHEATRECONTROLSINC.-BU5100JHHA
OCR Text ...ode Configuration and Dimension kinked / Straight Straight Straight Straight Straight Inside kinked Inside kinked Straight Inside kinked Straight Lead Space (F) 5.0mm 2.5mm 5.0mm 6.4mm 5.0mm 5.0mm 10.0mm 10.0mm 10.0mm Lead Length (L) 51mm 2...
Description From old datasheet system
Ceramic / Disc / Capacitor
CLASS I TEMPERATURE COMPENSATION TYPE 类我温度补偿

File Size 161.50K  /  3 Page

View it Online

Download Datasheet

    MS322R025 MS322R025-B

AMETHERM Circuit Protection Thermistors
ETC[ETC]
Part No. MS322R025 MS322R025-B
OCR Text kinked Leads Outside kinked Leads Not available Use -B after Ametherm's Part # For example: to order an outside kinked lead use part number MS32 2R025-B D D D T B L S STRAIGHT LEADS S OUTSIDE kinked LEADS S INSIDE K...
Description Circuit Protection Thermistors
From old datasheet system
MS322R025

File Size 121.18K  /  1 Page

View it Online

Download Datasheet

    VY1330K31Y5SG6V0 VY1330K31Y5SG6VX VY1151K31Y5SQ6UV0 VY1221K31Y5SG6V0 VY1222M47Y5UG6V0 VY1222M47Y5UG6VX VY1220K31U2JG6V0

Vishay Siliconix
Part No. VY1330K31Y5SG6V0 VY1330K31Y5SG6VX VY1151K31Y5SQ6UV0 VY1221K31Y5SG6V0 VY1222M47Y5UG6V0 VY1222M47Y5UG6VX VY1220K31U2JG6V0 VY1220K31U2JG6VX VY1221K31Y5SG6VX VY1150K31U2JG6V0 VY1100K31U2JG6V0 VY1331K31Y5SG6VX VY1331K31Y5SG6V0
OCR Text ...reliability ? vertical (inline) kinked or straight leads ? singlelayer ac disc capacitors ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 applications ? x1, y1 according to iec 60384-14.3 ? ...
Description AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC

File Size 180.71K  /  8 Page

View it Online

Download Datasheet

    N2510-50K2-RB N2514-5002-RB N2516-50K2-RB N2524-5003-RB N2526-5002-RB N2510-5002-RB N2520-5002-RB N2520-5003-RB N2524-50

3M Electronics
Part No. N2510-50K2-RB N2514-5002-RB N2516-50K2-RB N2524-5003-RB N2526-5002-RB N2510-5002-RB N2520-5002-RB N2520-5003-RB N2524-50K2-RB N2526-5003-RB N2526-50K2-RB N2516-5002-RB N2520-50K2-RB N2530-5002-RB N2530-5003-RB N2534-5002-RB N2534-50K2-RB N2514-5003-RB N2510-5003-RB N2524-5002-RB
OCR Text ...[2.39 to 3.18] thick board k2 = kinked for .062 [1.57] thick board .112 +/- .01 [2.84] for 02 & k2 versions .155 +/-.01 [3.94] for 03 version 3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for ...
Description 4-Wall Header
   4-Wall Header

File Size 357.21K  /  5 Page

View it Online

Download Datasheet

    Pan Overseas Electronic
Part No. BU6222
OCR Text ... Configuration and Dimension kinked / Straight Straight Lead Space (F) 5.0mm 2.5mm 5.0mm 6.4mm 5.0mm 5.0mm 10.0mm 10.0mm 10.0mm Lead Length (L) 51mm 25 mm Min. 25mm Min. 25mm Min. 51mm 25 mm Min. 51mm 51mm 25 mm Min. H = Ammo, R = Reel G...
Description Ceramic / Capacitor

File Size 191.79K  /  3 Page

View it Online

Download Datasheet

    Ametherm, Inc
Part No. SL1050002 SL1050002-B
OCR Text ...for example: to order an inside kinked lead use part number sl10 50002- a electrical specifications: mechanical specifications: current resistance 0.40 amp 4.95 ? 0.80 amp 1.86 ? 1....
Description TRANS,WALL,16VDC/500mA,F2 2.1mmX5.5mm,UL,CSA
TRANS,WALL,REG,5VDC/600mA, F1,2.1X5.5mm,UL/CSA,(4850)

File Size 24.68K  /  1 Page

View it Online

Download Datasheet

    SL222R515 SL222R515-A

List of Unclassifed Manufacturers
ETC[ETC]
N.A.
Part No. SL222R515 SL222R515-A
OCR Text kinked Leads Outside kinked Leads Use A after Ametherm's part # Use B after Ametherm's part # For example: to order an inside kinked lead use part number SL22 2R515-A D D D T B L S STRAIGHT LEADS S OUTSIDE kinked LEADS ...
Description SL222R515

File Size 98.11K  /  1 Page

View it Online

Download Datasheet

    Vishay BCcomponents
Part No. SL0N63J5R PN65T0R PR63K7R S102K43Y5PR6TK7R S150K25U2MS6TK7R S102M33Z5UR6TK7R S101K33Y5PS6TK7R S102K43X7RR6TK7R S102M33Z5US6TK7R S100K25U2MS6UK7R
OCR Text ...nt 1.1995? ? high reliability ? kinked (preferred) or straight leads ? lead (pb)-free available applications ? across-the-line ? line by-pass ? antenna coupling design the capacitors consist of a ceramic disc both sides of which are silver-...
Description CAPACITOR, CERAMIC, 1000 V, SL0, 0.00001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
S 1KV 4,7NF 20% Y5P BULK E3 - Bulk
CAPACITOR, CERAMIC, 3000 V, Y5P, 0.001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, CERAMIC, 3000 V, Y5P, 0.00033 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
CAP 0.001UF 3000VDC Y5P 10% 11 X 6MM RDL 7.5MM - Tape and Reel
CAPACITOR, CERAMIC, U2M, 15 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
S 3KV 1NF 20% Z5U REEL E3 - Tape and Reel
CAPACITOR, CERAMIC, Y5P, 100 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
CAP DISC 3KV 1NF 10% X7R HAZMAT - Tape and Reel
CAPACITOR, CERAMIC, Z5U, 1000 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, CERAMIC, U2M, 10 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT

File Size 120.15K  /  5 Page

View it Online

Download Datasheet

For kinked Found Datasheets File :: 1863    Search Time::3.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of kinked

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.9364438056946