PART |
Description |
Maker |
LTC2205-14 LTC2205CUK-14 LTC2205IUK-14 LTC2205UK-1 |
14-Bit, 65Msps ADC
|
Linear Technology
|
MAX12553 MAX12553ETL |
14-Bit, 65Msps, 3.3V ADC
|
Maxim Integrated Products
|
LTC2205IUK-14PBF |
16-Bit, 65Msps ADC; Package: QFN; No of Pins: 48; Temperature Range: -40°C to 85°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC48
|
Linear Technology, Corp.
|
MAX12527 MAX12527ETK |
Dual, 65Msps, 12-Bit, IF/Baseband ADC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. http://
|
MAX19515 MAX19515ETM |
Dual-Channel, 10-Bit, 65Msps ADC
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX1182 |
Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
|
Maxim Integrated Produc...
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
LTC2273 LTC2272 |
(LTC2272 / LTC2273) 80Msps/65Msps Serial Output ADC
|
Linear Technology
|
LTC2226CUH LTC2226CUH-PBF LTC2227CUH-PBF LTC2228CU |
12-Bit, 65/40/25Msps Low Power 3V ADCs 12-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC32
|
http:// Linear Technology, Corp.
|
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|