PART |
Description |
Maker |
0936010186 |
GWconnect Turned Crimp Contact for 16A Inserts and Modules, Male
|
Molex Electronics Ltd.
|
0936010028 |
GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Male, Gold (Au) Plated Phosphor Bronze, 0.14-0.75mm2 (26-18 AWG), 2000 per Reel
|
Molex Electronics Ltd.
|
0936010010 |
GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Gold (Au) Plated Phosphor Bronze, 0.14-1.00mm2 (26-18 AWG), 2000 per Reel
|
Molex Electronics Ltd.
|
0936010018 |
GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) Plated Phosphor Bronze, 0.75-2.50mm2 (18-14 AWG), 2000 per Reel
|
Molex Electronics Ltd.
|
0936010019 |
GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Gold (Au) Plated Phosphor Bronze, 0.75-2.50mm2 (18-14 AWG), 2000 per Reel
|
Molex Electronics Ltd.
|
M-FIAM3MS3 M-FIAM3 M-FIAM3H11 M-FIAM3H12 M-FIAM3H1 |
Military 270Vin Filter Input Attenuator Module 军事270Vin滤波器输入衰减模 Crimp Socket Contact; Contact Material:Brass; Contact Termination:Crimp
|
Vicor, Corp. VICOR[Vicor Corporation]
|
02-09-1111 |
Crimp Socket Contact; Wire Size (AWG):14-18; Contact Material:Brass; Contact Plating:Tin; Contact Termination:Crimp BRASS, WIRE TERMINAL
|
Molex, Inc.
|
M80-4D10405F1-00-000-01-307 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Large bore signal contacts, 1 x 2.7mm Crimp Coax contact 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4655005 M80-4753405 M80-4651242A M80-4650642A |
50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, Extended Wall, gold clip gold shell, no jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Linear Technology, Corp. Harwin PLC HARWIN INC
|
891-001-25PT-0A 891-001-25PT-0B 891-001-25PT-0C 89 |
Nanominiature Connectors Double Row Insulated Wire Pigtail Assemblies 25 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, CRIMP, PLUG 25 CONTACT(S), FEMALE, D NANOMINIATURE CONNECTOR, CRIMP, RECEPTACLE 15 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, CRIMP, PLUG 21 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, CRIMP, PLUG 51 CONTACT(S), FEMALE, D NANOMINIATURE CONNECTOR, CRIMP, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
51089-1405 51089-6005 51089-1205 |
14CKT 2MM D/R HOUSING 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2 WtB Dual Row Crimp Rec Hsg 60Ckt H>F 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE MI-2 D/R CRIMP HSG 12CKT 510891205 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|