Part Number Hot Search : 
HCC4098 DS3012 010B2L XR1488 F181J0 27213 F181J0 27151E3
Product Description
Full Text Search
  bag Datasheet PDF File

For bag Found Datasheets File :: 19062    Search Time::1.109ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    A2-7PA-2.54DS A2-7PA-2.54DSA A1-60PA-2. A2-2PA-2.54DS A2-2PA-2.54DSA A1-10PA-2.54DS A1-10PA-2.54DSA A2-20PA-2.54DSA A2-2

HIROSE ELECTRIC Co., Ltd.
Hirose Electric USA, INC.
HIROSE[Hirose Electric]
Part No. A2-7PA-2.54DS A2-7PA-2.54DSA A1-60PA-2. A2-2PA-2.54DS A2-2PA-2.54DSA A1-10PA-2.54DS A1-10PA-2.54DSA A2-20PA-2.54DSA A2-20PA-2.54DS A2-3PA-2.54DS A1-26PA-2.54DS A1-26PA-2.54DSA A2-9PA-2.54DSA A1-06PA-2.54DS A1-12PA-2.54DS A1-12PA-2.54DSA A1-14PA-2.54DS A1-14PA-2.54DSA A1-16PA-2.54DS A1-16PA-2.54DSA A1-20PA-2.54DS A1-20PA-2.54DSA A1-24PA-2.54DS A1-24PA-2.54DSA A1-34PA-2.54DS A1-34PA-2.54DSA A1-40PA-2.54DS A1-40PA-2.54DSA A1-50PA-2.54DS A1-50PA-2.54DSA A1-60PA-2.54DS A1-60PA-2.54DSA A1-64PA-2.54DS A1-64PA-2.54DSA A1-6PA-2.54DS A1-6PA-2.54DSA A1-8PA-2.54DSA A2-10PA-2.54DS A2-10PA-2.54DSA A2-11PA-2.54DS A2-11PA-2.54DSA A2-12PA-2.54DS A2-12PA-2.54DSA A2-13PA-2.54DS A2-13PA-2.54DSA A2-14PA-2.54DS A2-14PA-2.54DSA A2-15PA-2.54DS A2-15PA-2.54DSA A2-16PA-2.54DS A2-16PA-2.54DSA A2-17PA-2.54DS A2-17PA-2.54DSA A2-18PA-2.54DS A2-18PA-2.54DSA A2-19PA-2.54DS A2-19PA-2.54DSA A2-1PA-2.54DS A2-1PA-2.54DSA A2-3PA-2.54DSA A2-4PA-2.54DS A2-4PA-2.54DSA A2-5PA-2.54DS A2-5PA-2.54DSA A2-6PA-2.54DS A2-6PA-2.54DSA A2-8PA-2.54DS A2-8PA-2.54DSA A2-9PA-2.54DS A1-8PA-2.54DS A1
OCR Text ...ackaging type SCFC : Reel SCC : bag C3 s A1 (Double Row)- Right Angle Type Unit: mm Part Number A1-06PA-2.54DS A1-08PA-2.54DS A1-10PA-2.54DS A1-12PA-2.54DS A1-14PA-2.54DS A1-16PA-2.54DS A1-18PA-2.54DS A1-20PA-2.54DS Unit: mm Pa...
Description    2.54mm Pitch High Density Connector
1 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
2.54mm Pitch High Density Connector 2.54mm间距高密度连接器
KPT 12C 8#20 4#16 PIN RECP
GIGABASE CAT 5E UNIVERSALJACK, TEL IVORY
ZX Series, Subminiature Basic Switch, SPDT, 125 Vac, 3 A, Straight Lever Actuator, Solder Termination
FEMALE; MALE, RIGHT ANGLE; STRAIGHT TWO PART BOARD CONNECTOR, CRIMP; SOLDER, SOCKET

File Size 270.08K  /  8 Page

View it Online

Download Datasheet





    TJ120F06J3

Toshiba Semiconductor
Part No. TJ120F06J3
OCR Text ...isture-proof laminated aluminum bag. Precautions for Transportation and Storage (1) Avoid excessive vibration during transportation. (2) Do not toss or drop the packed devices to avoid ripping of the bag. (3) After opening the moisture-proo...
Description Chopper Regulator, DC-DC Converter Applications Motor Drive Applications

File Size 211.99K  /  7 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. P011XX
OCR Text ... 1aa3 p0111 da to-92 0.2 g 2500 bag p0111da 5al3 p0111 da to-92 0.2 g 2000 tape and reel 13 inch p0111dn 5aa4 p1d sot-223 0.11 g 1000 tape and reel 7 inch p0111ma 1aa3 p0111 ma to-92 0.2 g 2500 bag p0111ma2al3 (1) 1. this order code has no ...
Description Sensitive Gate SCRs

File Size 116.20K  /  9 Page

View it Online

Download Datasheet

    NFSA172

NICHIA CORPORATION
Part No. NFSA172
OCR Text ...l ` ?` seal moisture proof foil bag ?? the reel is placed in the moisture proof bag with a moisture absorbent material. the bag is heat sealed. ??K???`? the moisture proof foil bags are packed in a cardboard box with corrugated partition. c...
Description SPECIFICATIONS FOR AMBER LED

File Size 317.97K  /  16 Page

View it Online

Download Datasheet

    DF11-28DP-2DSA DF11-28DS-2C DF11-28DS-2DSA DF11-28DS-2R26 DF11-12DP-2DSA DF11-14DS-2C DF11-14DS-2DSA DF11-14DS-2R26 DF11

Hirose Electric
Part No. DF11-28DP-2DSA DF11-28DS-2C DF11-28DS-2DSA DF11-28DS-2R26 DF11-12DP-2DSA DF11-14DS-2C DF11-14DS-2DSA DF11-14DS-2R26 DF11-12DS-2C DF11-12DS-2DSA DF11-12DS-2R26 DF11-30DP-2DSA DF11-32DS-2C DF11-32DS-2DSA DF11-32DS-2R26 DF11-20DP-2DSA DF11-8DP-2DSA DF11-24DP-2DSA DF11-22DP-2DSA DF11-16DP-2DSA DF11CZ-20DS-2V DF11CZ-10DS-2V DF11CZ-18DS-2V DF11CZ-22DS-2V DF11CZ-26DS-2V DF11CZ-30DS-2V DF11CZ-40DS-2V DF11CZ-4DS-2V DF11CZ-6DS-2V DF11CZ-8DS-2V DF11-22DS-2C DF11-22DS-2DSA DF11-22DS-2R26 DF11-26DS-2C DF11-26DS-2DSA DF11-26DS-2R26 DF11-4DS-2R261
OCR Text ...Embossed tape : Socket contact, bag : Plug contact, Embossed tape : Plug contact, bag : Tin plated : Gold plated r Plating Type B222 The product information in this catalog is for reference only. Please request the Engineering Draw...
Description 2mm Double-Row Connector (Product Compliant to UL/CSA Standard)

File Size 442.92K  /  14 Page

View it Online

Download Datasheet

    VISHAY SEMICONDUCTORS
Part No. TLMS2000
OCR Text ...l is packed in an anti-humidity bag to protect the devices from absorbing moisture during transportation and storage. final packing the sealed reel is packed into a cardboard box. a secondary cardboard box is used for shipping purposes. rec...
Description SINGLE COLOR LED, RED, 1.5 mm

File Size 295.36K  /  9 Page

View it Online

Download Datasheet

    PC104RA070165C

List of Unclassifed Manufacturers
Part No. PC104RA070165C
OCR Text ... mm 100pcs antenna per small pe bag 5 small pe bags per big pe bag 500pcs antennas per big pe bag pc104 0939 pc104 penta band ce ll ular an tenn a spe-13-8-075/a/as |
Description Penta-Band PCB Antenna with Diagnostic Resistor

File Size 1,222.24K  /  12 Page

View it Online

Download Datasheet

    SPM0102ND3

Knowles Electronics
Part No. SPM0102ND3
OCR Text ...unopened ESD moisture sensitive bag under maximum environmental conditions of 30C, 70% R.H. Exposure: Devices should not be exposed to high humidity, high temperature environment. MSL (moisture sensitivity level) Class 2A. Out of bag: Maxim...
Description 隆掳Mini隆卤 Surface Mount Silicon Microphone with standard RF Protection
“Mini?/a> Surface Mount Silicon Microphone with standard RF Protection

File Size 250.81K  /  10 Page

View it Online

Download Datasheet

    LTE-3271T-A1

Lite-On Technology Corporation
Part No. LTE-3271T-A1
OCR Text ... STAMP 61 0m m 35 m 0m bag volume (pcs / bag) 1000 Inner carton volume (bag / carton) 8 Outer carton volume (Box / Carton) 8 Total volume (pcs/outer carton) 64000 Part No. : LTE-3271T-A1 DATA SHEET BNS-OD-C131/A4 Pa...
Description Property of Lite-On Only

File Size 370.86K  /  5 Page

View it Online

Download Datasheet

For bag Found Datasheets File :: 19062    Search Time::1.109ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of bag

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66323208808899