PART |
Description |
Maker |
SML-LX1106USBC-TR |
3mm x 1.5mm SURFACE MOUNT LED
|
LUMEX INC.
|
SML-LX1106SOC-TR |
3mm x 1.5mm SURFACE MOUNT LED
|
LUMEX INC.
|
SML-LX1106SIC-TR |
3mm x 1.5mm SURFACE MOUNT LED
|
LUMEX INC.
|
SML-LXL1106GC-TR |
3mm x 1.5mm SURFACE MOUNT LED WITH LENS
|
LUMEX INC.
|
M80-5L12042M5-02-313-01-313 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 20 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contact
|
HARWIN INC
|
450-160 455-290 455-260 455-280 456-480 455-210 45 |
T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
|
Bivar Inc. List of Unclassifed Manufacturers List of Unclassifed Man...
|
87437-1273 87437-0243 87437-0873 87437-0743 87437- |
1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG connector 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG CONN HEADER 7POS 1.5MM VERT SMD 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Blk /Cap T&R 2.56SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 14Ckt 1.50MM PITCH, W-T-B HEADER, VERTICAL, SMT
|
Molex, Inc. MOLEX INC Molex Electronics Ltd.
|
43045-0419 43045-1219 |
Header; No. of Contacts:4; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 4 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT MicroFit 3.0 V SMT /Nail DR 15Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
M80-5L10642M5-03-313-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contacts 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
SML-LX23SRC-TR |
2mm x 3mm SURFACE MOUNT WITH REFLECTOR
|
LUMEX INC.
|
|