PART |
Description |
Maker |
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
10ETF06 10ETF02 10ETF04 |
FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a TO-220AC package 400V Fast Recovery Diode in a TO-220AC package 600V Fast Recovery Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
70EPF12J 70EPF10 70EPF10J 70EPF12 70EPF08 |
1200V Fast Recovery Diode in a PowIRtab package 1000V Fast Recovery Diode in a PowIRtab package 800V Fast Recovery Diode in a PowIRtab package FAST SOFT RECOVERY RECTIFIER DIODE
|
International Rectifier
|
DSEK60-12A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED) 26 A, 1200 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
SDW80S600 |
65ns Fast Recovery Diode, 600V Vrrm, 80A If, 1.5V Peak Forward Voltage Fast Soft Recovery Rectifier Diode
|
SEMIWELL[SemiWell Semiconductor]
|
R6030835 R6021435 R6021235 R6021035 R6031035 R6031 |
FAST RECOVERY RECTIFIER 350 A, 1600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 400 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 800 V, SILICON, RECTIFIER DIODE, DO-9 Fast Recovery Rectifier (350Amperes Average 1600 Volts) 快速恢复整流器350安培平均1600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc. POWEREX INC
|
SD3553C SD3553C15S20K SD3553C20S20K SD3553C25S20K |
2500V Fast Recovery Diode in a B-44 (R-Puk) package 2000V Fast Recovery Diode in a B-44 (R-Puk) package 1600V Fast Recovery Diode in a B-44 (R-Puk) package FAST RECOVERY DIODES
|
International Rectifier
|
60EPF10 60EPF12 60CPF10 60CPF12 60EPF10PBF |
DIODE 60 A, 1000 V, SILICON, RECTIFIER DIODE, TO-247AC, MODIFIED TO-247AC, 3 PIN, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 1200V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC package 1000V Fast Recovery Diode in a TO-247AC (2-Pin) package 1200V Fast Recovery Diode in a TO-247AC (2-Pin) package
|
Vishay Semiconductors IRF[International Rectifier]
|
SD2053C40S50R SD2053C32S50R SD2053C36S50R SD2053C4 |
4000V Fast Recovery Diode in a B-44 (R-Puk) package 3200V Fast Recovery Diode in a B-44 (R-Puk) package 3600V Fast Recovery Diode in a B-44 (R-Puk) package 4500V Fast Recovery Diode in a B-44 (R-Puk) package
|
International Rectifier
|
BYT03-400RL BYT03-400 BYT03-40001 BYT03 |
FAST RECOVERY RECTIFIER DIODE FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY ULTRAFAST DIODE Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
ST Microelectronics STMicroelectronics
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|