PART |
Description |
Maker |
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
SAB80C32-16-P SAB80C32-P SAB80C32-P-T40_85 SAB80C3 |
High-Performance 8-Bit Single Chip Microcontroller
|
SIEMENS[Siemens Semiconductor Group]
|
BL22P14 |
BL22P14 is an 8-bit high performance single chip microcontroller
|
SHANGHAI BELLING CO., LTD.
|
SAB80535-N-T40/85 SAB80515-N-40/85 SAB80515 |
(SAB80515 / SAB80535) High-Performance 8-Bit Single Chip Microcontroller
|
SIEMENS AG Siemens Semiconductor Group Siemens Semiconductor G...
|
LAN9217-07 |
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
|
SMSC Corporation
|
LAN9217-MT-E2 |
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
|
http://
|
ATA6616 |
Single-package High Performance, Low Power AVR 8-bit Microcontroller with LIN
|
ATMEL Corporation
|
ML670100 |
OKI’s High-Performance CMOS 32-Bit Single Chip Microcontroller From old datasheet system
|
OKI
|
KS57C0301 KS57C0302 |
The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
|
SAMSUNG[Samsung semiconductor]
|
NM27C040 NM27C040Q150NBSP NM27C040Q150 27C040 NM27 |
4,194,304 Bit (512K x 8) High Performance CMOS EPROM 4194304-Bit (512K x 8) High Performance CMOS EPROM 4,194,304-Bit (512K x 8) High Performance CMOS EPROM 4 /194 /304-Bit (512K x 8) High Performance CMOS EPROM IC-4MB CMOS OTP PROM
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
S3P72H8 S3C72H8 |
The S3C72H8 single-chip CMOS microcontroller has been designed for very high performance using Samsungs state-of-the-art 4-bit product development app
|
SAMSUNG[Samsung semiconductor]
|