Part Number Hot Search : 
311YH IRF24 59120 00LVE D1169 BCM570X 1212Z MC74HCT
Product Description
Full Text Search
  auto-mdix Datasheet PDF File

For auto-mdix Found Datasheets File :: 523    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BCM1100

Broadcom Corporation.
ETC
Part No. BCM1100
OCR Text ...ernet MACs and PHYs * Provides Auto MDI/MDIX enabling the use of straight or crossover cables in either port * 1.8/2.5/3.3V Operation * 1.8W Low Power 0.18u Process Technology * 256 PBGA Package HARDWARE PLATFORMS * Wideband Audio C...
Description VOICE OVER IP ETHERNET CPE ENGINE

File Size 38.67K  /  2 Page

View it Online

Download Datasheet





    BCM1115

Electronic Theatre Controls, Inc.
ETC
Broadcom Corporation.
Part No. BCM1115
OCR Text ...er Ethernet standard * Provides auto-MDI/MDIX, enabling the use of straight or crossover cables in either port * Enables support of emerging wideband vocoding standards * 0.18 process technology, 1.8/3.3 V * 0.95W peak, 0.3-0.8W standby...
Description SINGLE PORT ENTERPRISE IP PHONE CHIP

File Size 166.83K  /  2 Page

View it Online

Download Datasheet

    BCM5221

Electronic Theatre Controls, Inc.
Broadcom Corporation.
ETC
Part No. BCM5221
OCR Text ...cuit to Enable Intelligent * HP auto-mdix * Cable Length Indication * Cable Noise Level Indication * Robust CESD Tolerance * Cable Length Greater Than 140 meters * Well Under 10 PPM Defect Ratio Quality * +10% Voltage Tolerance * Industrial...
Description 10/100BASE TX SINGLE CHANNEL SIGNI PHY TRANSCEIVER

File Size 199.07K  /  2 Page

View it Online

Download Datasheet

    BCM5226 BCM5226R

ETC
Part No. BCM5226 BCM5226R
OCR Text ... Fast Ethernet transceiver * HP auto-mdix * Low-power 2.5V CMOS technology * Compatible with 2.5V I/O and 3.3V I/O * Reduced Media Independent Interface (RMII) * Serial Media Independent Interface (SMII) * Fully integrated digital adaptive ...
Description 10/100 BASE TX/FX HEX TRANSCEIVER

File Size 160.42K  /  2 Page

View it Online

Download Datasheet

    BCM5228

ETC
Part No. BCM5228
OCR Text ... Fast Ethernet transceiver * HP auto-mdix * Low-power 2.5V CMOS technology * Compatible with 2.5V I/O and 3.3V I/O * Reduced Media Independent Interface (RMII) * Serial Media Independent Interface (SMII) * Fully integrated digital adaptive ...
Description 10/100 BASE - TX/FX OCTAL TRANSCEIVER

File Size 154.99K  /  2 Page

View it Online

Download Datasheet

    BCM5238

ETC
Part No. BCM5238
OCR Text ... Synchronous SMII (SSSMII) * HP auto-mdix automatic crossover * Compatible with 2.5V I/O and 3.3V I/O * Fully integrated digital adaptive equalization * Up to 150 meters of error-free operation * Full-duplex support * Interrupt output capab...
Description 10/100BASE TX OCTAL TRANSCEIVER

File Size 162.66K  /  2 Page

View it Online

Download Datasheet

    BCM5318

Broadcom Corporation.
ETC
Part No. BCM5318
OCR Text ...for corporate users. On-chip HP auto-MDI/MDIX feature automatically detects and corrects for crossover cables and allows direct switch-to-switch connection. 24-Port Unmanaged 10/100 Switch BROADCOM PROPRIETARY & CONFIDENTIAL BCM531...
Description RoboSwitch-plus 8-PORT 10/100 Switch with on-chip packet buffer memory
8 PORT 10/100 SWITCH WITH ON CHIP PACKET

File Size 392.32K  /  2 Page

View it Online

Download Datasheet

    BCM5388

ETC[ETC]
Part No. BCM5388
OCR Text ...overall system cost. On-chip HP auto-MDI/MDIX on all tranceivers automatically detects and corrects for crossover cables and allows direct switch-to-switch connection. Lowest possible system cost through minimized number of components Highe...
Description 8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY

File Size 217.77K  /  2 Page

View it Online

Download Datasheet

    BCM5402

Electronic Theatre Controls, Inc.
ETC
Broadcom
Part No. BCM5402
OCR Text ...ith the IEEE 802.3 standard for auto-negotiation of speed. Additionally, several Plug and Play enhancements are added to make the device even more userfriendly. A link quality indicator LED gives installers an instant visual indication if t...
Description DUAL PORT 10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER
Dual Port 10/100/1000BASE-T Gigabit Copper Transceiver

File Size 129.67K  /  2 Page

View it Online

Download Datasheet

    BCM5421

ETC
Part No. BCM5421
OCR Text ...ith the IEEE 802.3 standard for auto-negotiation of speed, but additionally supports Ethernet@WireSpeedTM. Ethernet@WireSpeedTM allows the BCM5421 to force auto-negotiation to automatically establish link at speeds that the channel can reli...
Description 10/100/1000 BASE-T GIGABIT COPPER TRANSCEIVER

File Size 161.52K  /  2 Page

View it Online

Download Datasheet

For auto-mdix Found Datasheets File :: 523    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of auto-mdix

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5306050777435