PART |
Description |
Maker |
DDTB122TU-7-F DDTB142JU DDTB142TU DDTB122LU DDTB12 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
FMB1020 |
NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package 500 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
|
Delta Electronics, Inc. FAIRCHILD[Fairchild Semiconductor]
|
DCX52-13 DCX52-16-13 |
PNP SURFACE MOUNT TRANSISTOR 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC, SOT89-3L, 4 PIN
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
DCP51-16-13 DCP51-13 |
PNP SURFACE MOUNT TRANSISTOR 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4
|
Diodes Incorporated Diodes, Inc.
|
DPLS350E DPLS350E-13 |
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR 3000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
DXT751-13 |
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR 3000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes, Inc.
|
CMPTH81 |
SMD Small Signal Transistor PNP RF Ocillator SURFACE MOUNT PNP SILICON RF TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
DDTA122LE-7-F DDTA122TE-7-F DDTA142JE-7-F |
PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR 进步党预偏置100毫安的SOT - 523表面贴装晶体
|
Diodes Inc. Diodes, Inc.
|
CMLM0605 CMLM0605BK |
200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR SMD Module PNP Low VCE(SAT) & Low VF Schottky Diode MULTI DISCRETE MODULE⑩ SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE MULTI DISCRETE MODULE?/a> SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
|
CENTRAL[Central Semiconductor Corp]
|
DDTA115TUA-7-F DDTA113TUA-7-F DDTA123TUA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
|