PART |
Description |
Maker |
PR-PRO3 |
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
|
Tripp Lite. All Rights ...
|
BP24V28-2U |
BP24V28-2U - 2U External 24V Rack/Tower Battery Pack for select Tripp Lite UPS Systems
|
List of Unclassifed Manufac...
|
AT83C21GC |
GemCore Serial Lite PRO AT83C21GC is based on an Atmel C51 MCU and includes GemCore?Serial Lite Pro software. It is a single-chip ready-to-use pre-certified solution that can be quickly and easily integrated into any serial smart card reader.
|
ATMEL Corporation
|
USA-19HS |
Keyspan High-Speed USB to Serial Adapter
|
List of Unclassifed Manufac...
|
MSMC-0102 MSMC-0104 MSMC-0103 MSMC-0105 MSMC-0100 |
PHOTOCELL,90mW,150V PEAK, 27KohmMAX LIGHT,2MohmMIN DARK PHOTOCELL,150mW,200VPK,3.6Kohm MAX LITE,0.3Mohm MIN DARK PHOTOCELL,90mW,150VPK,5Kohm, MAX LITE,20Mohm MIN DARK PHOTOCELL,400mW,350VPK,8Kohm MAX LITE,1Mohm MIN. DARK PHOTOCELL,100mW,150VPK,3Kohm, MAX LITE, 0.2Mohm MIN DARK PHOTOCELL,100mW,150VPK,80Kohm, MAX LITE,5Mohm MIN DARK CAP,CERM,DISC,470PF,1KV,20% CAP,CERM,DISC,0.047UF,1KV,20% AP,CERM,DISC,5PF,50V,20% INCREMENTS of 10 PHOTOCELL,90mW,150VPK,27Kohm, MAX LITE,0.3Mohm MIN DARK 医药0W的超小型开关电 PHOTOCELL,90mW,150VPK,10Kohm, MAX LITE,20Mohm MIN DARK 医药0W的超小型开关电
|
Astrodyne, Inc.
|
NTE1223 |
Integrated Circuit Low Noise High Gain Pre−Amplifier Circuit For General Purpose Audio Pre−Amplifiers
|
NTE Electronics
|
CY2212ZC-2 CY2212ZC-2T CY2212 CY2212ZXC-2T |
Direct RambusT 82; Clock Generator (Lite)& gt;< p> Features Direct Rambus⑩ Clock Generator (Lite) Direct Rambus Clock Generator (Lite)
|
Cypress Semiconductor
|
LM2574-12 LM2574-15 LM2574-3.3 LM2574-5 LM2574-ADJ |
EASY SWITCHERE 0.5 A STEP-DOWN VOLTAGE REGULATOR Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 EASY SWITCHERE0.5 A STEP-DOWN VOLTAGE REGULATOR SWITCHERE.5降压稳压 OSC 5V 8PIN CMOS SWITCHERE.5降压稳压
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
XFPMC-105KPAR |
Pre-amplified/5V Excitation/Absolute Pre-amplified/5V励磁/绝对
|
Fujikura, Ltd.
|
BA7181 BA7181FS A5801059 |
Video LSIs > VCR video signal processor > PRE/REC amplifier From old datasheet system 2-channel PRE / REC amplifier with auto-tracking interface
|
ROHM[Rohm] Rohm CO.,LTD.
|
BA3313L A5801026 |
Dual preamplifier with ALC detector circuit From old datasheet system Audio LSIs > Pre amplifier/Line amplifier > Pre amplifier
|
Rohm
|
BA3308/F |
Audio LSIs > Pre amplifier/Line amplifier > Pre amplifier
|
ROHM
|
|