PART |
Description |
Maker |
UPS5817E3 UPS5819E3 |
POWERMITE 1?SURFACE MOUNT 1 AMP 20 and 40 V SCHOTTKY RECTIFIERS POWERMITE 1??SURFACE MOUNT 1 AMP 20 and 40 V SCHOTTKY RECTIFIERS POWERMITE 1垄芒 SURFACE MOUNT 1 AMP 20 and 40 V SCHOTTKY RECTIFIERS
|
Microsemi Corporation
|
UPS840E3 |
POWERMITE 3?SURFACE MOUNT 8 AMP 40 V SCHOTTKY RECTIFIER POWERMITE 3垄芒 SURFACE MOUNT 8 AMP 40 V SCHOTTKY RECTIFIER
|
Microsemi Corporation
|
IP78M12A-LCC4 IP78M12-LCC4 IP78M15A-LCC4 IP78M15-L |
0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V绋冲????剁?琛ㄨ创灏??)) Voltage Regulator 电压调节 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 15 V FIXED POSITIVE REGULATOR, CQCC18 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,15V稳压陶瓷表贴封装)) 0.5安培正电压稳压器在陶瓷表面贴装封装(0.5甲,15V的稳压器(陶瓷表贴封装) 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 5 V FIXED POSITIVE REGULATOR, CQCC18 Power Resistor; Series:TWW; Resistance:15ohm; Resistance Tolerance: /- 5 %; Power Rating:5W; Voltage Rating:350V; Temperature Coefficient:400ppm/ C 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V绋冲????剁?琛ㄨ创灏??))
|
Honeywell International, Inc. TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB] SEMELAB LTD
|
SM2100A SM220A SM260A SM240A |
2.0 AMP Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
SS34-40V-DO-214AC |
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
Nanjing International G...
|
SCS751G |
0.03 Amp Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
SM120 |
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
Bytes
|
SM22T SM26T SM24T SM25T SM28T |
2.0 Amp Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
SM230MH SM2100MH SM240MH SM260MH SM220MH SM250MH S |
2.0 Amp Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
SM2150A SM2200A |
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
Goodwork Semiconductor Co.,... Goodwork Semiconductor ...
|