PART |
Description |
Maker |
STB6NB90 6439 |
N - CHANNEL 900V - 1.7 Ohm - 5.8A - D 2 PAK PowerMESH MOSFET From old datasheet system N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET N-CHANNEL Power MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导 ST Microelectronics
|
STU9NC90ZI STU8NC90Z STU8NC90ZI 7291 |
7 A, 900 V, 1.38 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESHIII MOSFET OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP5NC90Z STP5NC90ZFP STB5NC90Z STB5NC90Z-1 |
N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB3NC90 STB3NC90Z |
N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH⑩III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STB6NK90Z STB6NK90ZT4 STP6NK90ZFP STP6NK90Z STW7NK |
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V 1.56 OHM 5.8A TO-220/TO-220FP D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESHPower MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 900V - 1.56ヘ - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FQU2N90 FQD2N90 FQD2N90TF FQD2N90TM FQU2N90TU |
900V N-Channel QFET 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
STW7NC90Z |
N-CHANNEL 900V 1.55 OHM 6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL MOSFET
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
STP5NB90 STP5NB90FP 6166 5NB90 STP5NA90 |
N-CHANNEL 900V - 2.3 OHM - 5A - TO-220/TO-220FP From old datasheet system ZENER DIODES N - CHANNEL PowerMESH MOSFET N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET -频道900V - 2.3欧姆- 5A TO-220/TO-220FP PowerMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|
STB3NC90Z-1 STP3NC90ZFP STP3NC90Z |
N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH⑩III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STH8NB90FI STH8NB90 H8NB90FI STW8NB90 |
N-CHANNEL 900V - 1.1 OHM - 8A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh MOSFET N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh⑩ MOSFET N-CHANNEL MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQP2N90 |
900V N-Channel MOSFET 2.2 A, 900 V, 7.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|