PART |
Description |
Maker |
ST-REL7-KG60 |
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 60 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
|
PHOENIX CONTACT
|
ST-REL7-KG230 |
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 230 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
|
PHOENIX CONTACT
|
0831019 |
The UC-EMP ... UniCard labeling range includes markers that can be fitted into existing CARRIER-EMP ... label frames
|
PHOENIX CONTACT
|
PMM0204 |
Stable Metal Film on High Quality Ceramic, Force Fitted Steel Caps, Tin Plated on Nickel Barrier, Excellent Stability at Different Environmental Conditions
|
Vishay
|
RIF-4-RPT-LV-230AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-2-RSC-LDP-125DC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
|
PHOENIX CONTACT
|
RIF-0-RSC-12DC |
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
SF3 SF2 SF4-DC9V SF2-DC12V SF2-DC18V SF2-DC21V SF2 |
POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation 极化,单稳态与安全继电器(机械连接)强迫接触行 COVER - CABLE GRIP CONNECTOR SUB D ACCESSORY SKIRT CONTROL BUTTON CONNECTEUR SUB-D POLARISED / MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation POLARISED MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
|
Nais(Matsushita Electric Wo... Panasonic, Corp. NAIS[Nais(Matsushita Electric Works)] NAIS[Matsushita Electric Works(Nais)] Nais(Matsushita Electri...
|
JE93I9HTR5 JE9 JE9112HR1 JE9112HR2 JE9112HR3 JE911 |
Digital Media System-on-Chip (DMSoC) 338-NFBGA 大功率磁保持继电 2.0mV Quad Ultra Micropower Rail-to-Rail CMOS Operational Amplifier, 24L SOIC 大功率磁保持继电 HIGH POWER LATCHING RELAY 大功率磁保持继电 Energy Harvesting Module w/ connector, 1.8V to 3.6V, 4.6mJ, 68msec@25mA Energy Harvesting Module w/ connector, 3.1V to 5.2V, 55mJ, 88msec@150mA Energy Harvesting Module w/ connector, 3.1V to 5.2V, 8.3mJ, 80msec@25mA Energy Harvesting Module w/ connector, 1.8V to 3.6V, 30mJ, 75msec@150mA SOIC socket added to Adapter Module
|
Hongfa Relay ???瀹???靛0?′唤?????? Xiamen Hongfa Electroacoustic Co., Ltd. 厦门宏发电声股份有限公司 HONGFA[Hongfa Technology]
|
SMM0102 |
Metal Film/ Cylindrical Resistors Metal Film, Cylindrical Resistors Stable Metal Film on High Quality Ceramic, Force Fitted Steel Caps, Tin Plated on Nickel Barrier, Excellent Stability, Reliable Solderable Terminations to Facilitate Surface Mounting
|
VISAY[Vishay Siliconix]
|
ARE13A03Z |
2.6GHz Relay, 1 Form C, 0.5A 30VDC Relay, 75ohms, SMD RF RELAY, SPDT, MOMENTARY, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 0.01A (CONTACT), 24VDC (CONTACT), 2600MHz, SURFACE MOUNT-STRAIGHT
|
Panasonic, Corp.
|
ST-REL7-SG48 |
Relay connector, equipped with Siemens KAMMRELAIS ?, contacts (Ag): medium loads, 4 PDT, input voltage 48 V DC, with light indicator, can be plugged on basic termination blocks
|
PHOENIX CONTACT
|
|