PART |
Description |
Maker |
CG75L CG2300 CG2300SN CG2.230L CG2-350L CG210001 C |
Rugged Ceramic-Metal construction Low Capacitance Instrumentation circuits Gas Discharge Tube (GDT) Products CG/CG2 Series
|
Littelfuse
|
IRS-3500-15 |
1U High Performance Rugged System
|
Advantech Co., Ltd.
|
3CPX1500A7 |
The 3CPX1500A7 is a rugged high-mu power
|
Communications & Power Industries, Inc.
|
BB565 Q62702-B0873 Q62702-B0869 |
From old datasheet system Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
|
SIEMENS AG Infineon Siemens Group SIEMENS[Siemens Semiconductor Group]
|
BYV32F BYV32F-150 BYV32F-200 BYV32EX BYV32EX-150 B |
Rectifier diodes ultrafast, rugged(超快速、强化的整流二极 Rectifier diodes ultrafast, rugged 6 A, 150 V, SILICON, RECTIFIER DIODE
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BYQ28F BYQ28F-150 BYQ28F-200 BYQ28FX-150 |
Rectifier diodes, ultrafast, rugged, 150V, 10A, 25ns Rectifier diodes ultrafast, rugged
|
Philips Semiconductors
|
ERF5 |
0,50 mm (.0197? Edge Rate?Rugged High Speed Socket / Terminal Strip
|
Samtec, Inc
|
1PS76SB62 |
Ultra high swiching speed Very low capacitance High breakdown voltage
|
TY Semiconductor Co., L...
|
2SC4080 |
High Ft High breakdown voltage Small reverse transfer capacitance excellent
|
TY Semiconductor Co., Ltd
|
947C211K122CBMS 947C391K102CCMS 947C321K122CDMS 94 |
Type 947C High Capacitance, High Current, DC Link Capacitors
|
Cornell Dubilier Electronics
|
APT50GF60B2RD APT50GF60LRD |
Fast IGBT & FRED 600V 80A The Fast IGBT⑩ is a new generation of high voltage power IGBTs. The Fast IGBT is a new generation of high voltage power IGBTs. Thin Film RF/Microwave Capacitor; Capacitance:3.9pF; Capacitance Tolerance: /- 0.1 pF; Working Voltage, DC:50V; Package/Case:0603; Leaded Process Compatible:Yes; Operating Temp. Max:125 C; Operating Temp. Min:-55 C ⑩的快速IGBT是一种高压IGBT的新一代
|
ADPOW[Advanced Power Technology] Advanced Power Technology, Ltd.
|
SP508CF SP508 SP508EF |
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
|
SIPEX[Sipex Corporation]
|