PART |
Description |
Maker |
VSC7967 |
PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
|
Vitesse Semiconductor Corporation
|
SPL-54B33B-AG SPL-54B33B-G |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
|
Optoway Technology Inc
|
VSC7398 |
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier 155 Mbps.25 Gbps的激光驱动器和后置放大器
|
Vitesse Semiconductor, Corp.
|
SPS-33100-CXX0G SPS-33100B-CXX0G |
3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER 3.3 /波分复用/ 155 Mbps的立法会SFP单模收发
|
Optoway Technology Inc. Optoway Technology, Inc.
|
TRS-33120AG |
3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver 3.3 / 1550海里/ 155 Mbps的符RoHS光单模收发器
|
Optoway Technology, Inc.
|
BTRS-3780G BTRS-3780-SPG |
1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver 1550纳米德克萨斯 1310纳米收发.3 / 155 Mbps的符合RoHS准系统单光纤收发
|
Optoway Technology Inc. Optoway Technology, Inc.
|
C-13-155-F-SLC9S-G5 C-13-155C-F-SLC9S-G5 C-13-155- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1261-1360nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR 155 Mbps Single Mode SFF LC Transceiver
|
Source Photonics, Inc.
|
SFP-O3D-XLR |
155 Mbps SFP Transceiver
|
MRV Communications, Inc.
|
BTR-5840-SPG BTR-5840G |
1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
|
Optoway Technology Inc.
|
MCD-3T4C-002 |
155 Mbps PIN-TIA (1310nm) 5V
|
Unity Opto Technology
|
C-15-155-FDFB-SLC8A-55-G5 |
155 Mbps Single Mode SFF LC Transceiver
|
Source Photonics, Inc.
|
C-13-155-FDFB-SLC8A-G5 C-13-155C-FDFB-SLC8A-G5 |
155 Mbps Single Mode SFF LC Transceiver
|
Source Photonics, Inc.
|