Part Number Hot Search : 
MP1583 1N5938 STRLP 72000 KE200 21012 SYIR30 HC1228W
Product Description
Full Text Search
  pon Datasheet PDF File

For pon Found Datasheets File :: 1158    Search Time::1.312ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PMC
Part No. PAS6301
OCR Text ... FEATURES * Gigabit Ethernet pon ONU based on 802.3ah standard * Integrated SERDES and CDR for loop timing support ay ,1 4D * FEC coding for improved link budget ec em VxWorks and a low footprint RTOS Memory Controll...
Description Gigabit Ethernet Optical Network Unit SOC

File Size 202.09K  /  2 Page

View it Online

Download Datasheet





    SA8028 SA8028W

NXP Semiconductors
Part No. SA8028 SA8028W
OCR Text ...IFin 12 N/C 13 DATA pon SR02176 Figure 1. HBCC24 pin configuration. ORDERING INFORMATION TYPE NUMBER PACKAGE NAME SA8028W HBCC24 DESCRIPTION Plastic, heatsink bottom chip carrier; 24 terminals; body 4 x 4 x 0.65 mm (CS...
Description ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85%
2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers

File Size 274.73K  /  28 Page

View it Online

Download Datasheet

    SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN

Infineon Technologies AG
Part No. SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN
OCR Text ...ipoint passive optical network (pon) architecture for the optical network in the subscriber loop. A transceiver can be realized with discrete elements (Figure 3). Transmitter and receiver with pigtails are connected with a fiber-coupler (2:...
Description High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving 高功率比迪光学标准模550纳米发光,纳米接310
Beacon Light
Components and FTTx solutions - Tx 1550nm (1490nm available) / Rx 1310nm, 155 MBit/s TIA
High Power BIDI Optical Standard Module 1550 nm Emitting/ 1310 nm Receiving

File Size 277.22K  /  13 Page

View it Online

Download Datasheet

    SA7016 SA7016DH

NXP Semiconductors
Part No. SA7016 SA7016DH
OCR Text ...n- GNDCP PHP 1 2 3 4 5 6 7 8 16 pon 15 STROBE 14 DATA 13 CLOCK 12 REFin+ 11 REFin- 10 RSET 9 VDDCP SR01505 Figure 1. Pin Configuration FEATURES * Low phase noise * Low power * Fully programmable main divider * Internal fractiona...
Description 1.3GHz low voltage fractional-N synthesizer

File Size 236.28K  /  18 Page

View it Online

Download Datasheet

    MAX1874 MAX1874EVKIT MAX1874ETE

Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
Part No. MAX1874 MAX1874EVKIT MAX1874ETE
OCR Text ...SB power-OK (UOK), and poweron (pon) outputs indicate when valid power is present. These outputs drive logic or power-selection MOSFETs to disconnect the charging sources from the load and to protect the MAX1874 from overvoltage. The MAX187...
Description Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation 1-CHANNEL POWER SUPPLY SUPPORT CKT, QCC16
MAX1874 Evaluation Kit USB/AC适配器双路输入Li 电池充电器,带OVP与温度调
Dual-Input USB/AC Adapter 1-Cell Li Charger with OVP and Thermal Regulation

File Size 401.04K  /  16 Page

View it Online

Download Datasheet

    HA13408

HITACHI[Hitachi Semiconductor]
Part No. HA13408
OCR Text ...rst, average power dissipation (pon) per channel at ton is obtained as follows: . pon = VCE(sat) IP . VCC2 1 - R * IP ton L R (3) Average power dissipation (Psus) at t sus : . Psus = VCE(sus) IP . L VCE(sus) - VCC2 1 - R * IP tsus R...
Description 9-Channel Power Driver

File Size 42.21K  /  8 Page

View it Online

Download Datasheet

    Optoway Technology Inc.
Optoway Technology, Inc.
Part No. NU-73H74H-RG NU-73H74H-PG
OCR Text ...ntinuous RX 2X5 SFF Package, GE-pon 1000BASE-PX20-U ONU Transceiver ***************************************************************************************************************************************************************************...
Description 3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-pon 1000BASE-PX20-U ONU Transceiver 3.3.25 Gbps310纳米突发模式德克萨斯 1.25 Gbps490纳米连续收发2X5 SFF封装,GE - pon的个1000BASE - PX20 - ü的ONU收发

File Size 154.28K  /  5 Page

View it Online

Download Datasheet

    NX5315

NEC
Part No. NX5315
OCR Text pon APPLICATION InGaAsP MQW-FP LASER DIODE DESCRIPTION The NX5315 Series is a 1 310 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diode with InGaAs monitor PIN-PD. These devices are designed for application up to 1.25...
Description LASER DIODE

File Size 91.44K  /  7 Page

View it Online

Download Datasheet

    SY88232L11 SY88232L10

Micrel Semiconductor
Part No. SY88232L11 SY88232L10
OCR Text ...rate burst mode applications: A-pon, B-pon, G-pon, E-pon, GE-pon ___________________________________________________________________________________________________________ Typical Application Micrel Inc. * 2180 Fortune Drive * San...
Description 2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier

File Size 644.00K  /  18 Page

View it Online

Download Datasheet

For pon Found Datasheets File :: 1158    Search Time::1.312ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pon

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.3938739299774