PART |
Description |
Maker |
IDT74LVC162244APA IDT74LVC162244APF IDT74LVC162244 |
IC LOGIC 162244 CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-48 2000/REEL LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V CMOS 16-Bit Buffer/Driver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
SSTUH32866EC_G SSTUH32866 SSTUH32866EC SSTUH32866E |
1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
|
Philips NXP Semiconductors N.V.
|
BS62LV8005 BS62LV8005BC BS62LV8005BI BS62LV8005EC |
DDR-II, 25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer Very Low Power/Voltage CMOS SRAM 1M X 8 bit
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
HD74HCT125 HD74HCT126 HD74HCT126T |
Quad. Bus Buffer Gates (with 3-state outputs) BUFFER/DRIVER|SINGLE|4-BIT|HCT-CMOS|TSSOP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
74VCXH16244 74VCXH16244TTR |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
IDT74LVC16244A |
3.3V CMOS 16-BIT BUFFER/DRIVER
|
IDT
|
IDT74ALVCH162244-16 |
3.3V CMOS 16-BIT BUFFER/DRIVER
|
Integrated Device Techn...
|
IDT74LVC16827APA IDT74LVC16827APA8 |
3.3V CMOS 20-Bit Buffer with 5.0V Tolerant I/O
|
IDT
|
PI74LPT241 |
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
|
PERICOM[Pericom Semiconductor Corporation]
|
PI74FCT16244T PI74FCT162H244T PI74FCT162244T |
Fast CMOS 16-Bit Buffer/Line Drivers
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation]
|
IDT74LVC16240A 74LVC16240A_DS_25947 |
3.3V CMOS 16-BIT BUFFER/DRIVER From old datasheet system
|
IDT
|
PI74LPT244 |
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
|
Pericom Semiconductor Corporation ETC
|