PART |
Description |
Maker |
ETD-BL-1T-ON-CC-300MIN-SP ETD-BL-1T-ON-CC-30MIN-PT |
Timer relay with switch-on delay
|
PHOENIX CONTACT
|
U2100B |
Timer Control for Triac and Relay
|
Atmel
|
9050JCK60V20 |
TIMER RELAY 240VAC 10AMP OPTIONS
|
List of Unclassifed Man...
|
SC617ULTRT SC617EVB SC617 |
Charge Pump Flash LED Driver with Safety Timer
|
Semtech Corporation
|
SC619 SC619ULTRT SC619EVB |
Charge Pump Flash LED Driver with Safety Timer
|
Semtech Corporation
|
MAX8879 MAX8879ETG |
Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
|
Maxim Integrated Products
|
C9860-43 C9860-41 C9872-24 C9860-21 |
ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI 30V N-Channel PowerTrench MOSFET 10-bit, 50MSPS, 50MW A/D converter 3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
|
NJR
|
ST7263BE2M1 ST7263BE2M1XXX ST72F63BK4M1 ST7263BE6M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I虏C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I2C
|
STMicroelectronics http://
|
ST72PSCR1R4M1 ST72PSCR1R4T1 ST72PSCR1X4M1 ST72PSCR |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
|
ST Microelectronics
|
CS82C54-12Z96 |
CMOS Programmable Interval Timer; Temperature Range: 0°C to 70°C; Package: 28-PLCC T&R 3 TIMER(S), PROGRAMMABLE TIMER, PDIP24
|
Intersil, Corp.
|
STR750FV0H6 STR755FR0H6 STR755FV0H6 STR751FR0 STR7 |
ARM7TDMI-S垄芒 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
EL1-P16 |
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
|
PHOENIX CONTACT
|
|