PART |
Description |
Maker |
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
FFPF05U60S FFPF05U60STU FFPF05U60STTU |
High voltage and high reliability ULTRA FAST RECOVERY POWER RECTIFIER 5.0A/600V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
BYW29FP-200 5011 BYW29G-200 BYW29-200 BYW29F-200 B |
Low noise low drop voltage regulator with shutdown function From old datasheet system HIGH EFFICIENCY FAST RECOVERY DIODES HIGH EFFICIENCY FAST RECOVERY DIODES
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
BYT01-400 BYT01-400RL BYT01-40001 BYT01 |
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible HIGH EFFICIENCY ULTRAFAST DIODE FAST RECOVERY RECTIFIER DIODES FAST RECOVERY RECTIFIER DIODES
|
STMicroelectronics ST Microelectronics
|
S15F S20F S25F |
RECTIFIER, up to 2.5kV, 500mA, 300ns Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压2000V,平均正向电.5A,轴向引脚,密封型,快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压2500V,平均正向电.5A,轴向引脚,密封型,快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压1500V,平均正向电.5A,轴向引脚,密封型,快速恢复整流二极管)
|
Semtech Corporation
|
SRGPP3J |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
|
Gulf Semiconductor
|
EU02D EU02G EU02J |
Fast Recovery Pack: A-405 Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:200 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|
3W 3RW3 3RW2 3W2 3W3 3W2.5 |
HIGH VOLTAGE, HIGH CURRENT, FAST RECOVERY SILICON RECTIFIER DIODES
|
Electronic Devices, Inc.
|
R1500F R2000F R1200F R1800F R18.0F R150.F |
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
|
RECTRON[Rectron Semiconductor]
|
3BH41 3GH41 EE08669 |
Silicon diffused type fast recovery diode for high speed rectifier applications FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS) From old datasheet system HIGH SPEED RECTIFIER APPLICATION (FAST RECOVERY)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|