PART |
Description |
Maker |
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
EHA4-2510/883B EHA9-2510/883B |
Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier; Temperature Range: Full-Range Ind; Package: 16-QSOP T&R Light-to-Digital Sensor; Temperature Range: -40°C to 85°C; Package: 6-DFN 电压反馈运算放大
|
Austin Semiconductor, Inc
|
AM27512-3DC AM27512-3DCB AM27512-3DIB AM27512-4LEB |
±250V Input Range G = 1, 10, Micropower, Difference Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Hammond Manufacturing Co., Ltd. Electronic Theatre Controls, Inc.
|
RT9266 RT9266CE |
Tiny Package, High Efficiency, Step-up DC/DC Converter Input Volt. Range(V) = 1~6.5 ;; Output Volt. Range(V) = Adjustable ;;
|
RICHTEK
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
ISL28006FH100Z-T7A ISL28006FHADJZ-T7A |
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output; Temperature Range: Full-Range Industrial; Package: 5 Ld SOT-23 T R OP-AMP, 2800 uV OFFSET-MAX, PDSO5
|
Intersil, Corp. Intersil Corporation
|
EDI7P004FVA0300C15 EDI7P002FVA0400I15 EDI7P002FVA0 |
Dual Ultra Low Noise Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-PDIP Peripheral Miscellaneous Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 28-PDIP 周边杂项 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-HMSOP T&R 周边杂项 1M X 16 FLASH 5V PROM CARD, 100 ns, XMA68 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
KEMET Corporation Bourns, Inc. MICROSEMI CORP-PMG MICROELECTRONICS
|
AM27H010 AM27H010-45DEB AM27H010-45DIB AM27H010-45 |
x8 EPROM x8存储 Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Differential Driver and Receiver Pair; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Negative Voltage Diode-OR Controller and Monitor; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 36V, Low Loss PowerPath Controller for Large PFETs; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
LTC4401-1 LTC4401-1ES6 LTC4401-2 LTC4401-2EMS8 LTC |
RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C SPECIALTY TELECOM CIRCUIT, PDSO6
|
Linear Technology, Corp.
|
CY23S08SXC-1T |
3.3V Zero Delay Buffer; Voltage (V): 3.3 V; Frequency Range: 10 MHz to 140 MHz; Outputs: 8; Operating Range: 0 to 70 C 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
Cypress Semiconductor, Corp.
|