PART |
Description |
Maker |
SF5502 |
406.025 MHz SAW Filter
|
Vanlong Technology Co., Ltd.
|
AFS406.1W01-TS31 |
SURFACE MOUNT 406.1 MHz SAW FILTER
|
Abracon Corporation
|
PE51006 |
Wideband Mobile Antenna, 406 - 512 MHz, 2 dB
|
Pasternack Enterprises, Inc.
|
0405SC-2200M |
Class AB 406 to 450 MHz Silicon Carbide SIT
|
Microsemi
|
MC-405 MC-406 |
(MC-405 / MC-406) SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
|
Epson Company
|
0405SC-2200M |
2200Watts, 125 Volts, Class AB 406 to 450 MHz Silicon Carbide SIT
|
Microsemi Corporation
|
0717422002 71742-2002 |
1.00mm (.039) Pitch Mezzanine Receptacle, Surface Mount, Dual Row, VerticalStacking, 7.30mm (.406) Stack Height, 84 Circuits, 0.25μm (10μ) Gold Plating, Tube 1.00mm (.039") Pitch Mezzanine Receptacle, Surface Mount, Dual Row, VerticalStacking, 7.30mm (.406") Stack Height, 84 Circuits, 0.25渭m (10渭") Gold Plating, Tube MOLEX Connector
|
Molex Electronics Ltd.
|
BL-SE1600A BL-SE1600A-11D-XX |
406.4mm (16.0) numeric segment series, BIG SEGMENT DISPLAY
|
BetLux Electronics
|
87761-5001 0877615001 |
2.00mm (.079) Pitch Milli-Grid?/a> Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.75μm (30μ) Gold (Au) Selective Plating, 10.30mm (.406) Stacking Height
|
Molex Electronics Ltd.
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
|