PART |
Description |
Maker |
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
BYW100-200 BYW100-200RL |
Low noise low drop voltage regulator with shutdown function 高效快速恢复整流二极管 HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
|
STMicroelectronics N.V. ST Microelectronics
|
SDHXX SDH25HF SDH25HFSMS SDH30HF SDH30HFSMS SDH40H |
0.6-1 AMPS HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER 0.6 A, SILICON, SIGNAL DIODE 0.6-1 AMPS HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc] Solid States Devices, Inc. Solid State Devices, Inc. Solid States Devices, I...
|
ERB05GG |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:400 CURRENT: 0.5A
|
Gulf Semiconductor
|
SHM80F SHM100F SHM20F SHM60F SHM140F SHM25F SHM40F |
FAST RECOVERY HIGH VOLTAGE RECTIFIER 50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER 0.1 A, 6000 V, SILICON, SIGNAL DIODE 50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER 0.15 A, 4000 V, SILICON, SIGNAL DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER RECTIFIER
|
Solid States Devices, Inc Solid State Devices, Inc. Solid States Devices, I...
|
3W 3RW3 3RW2 3W2 3W3 3W2.5 |
HIGH VOLTAGE, HIGH CURRENT, FAST RECOVERY SILICON RECTIFIER DIODES
|
Electronic Devices, Inc.
|
APT30DQ60BHBG |
High Voltage Fast Recovery Diode
|
Microsemi
|
APT75DQ120BG APT75DQ120SG |
High Voltage Fast Recovery Diode
|
Microsemi
|