PART |
Description |
Maker |
HD68450Y-6 HD68450Y-8 HD68450-10 |
DMA Controller TB Series Basic Switch, Double Pole Double Throw Double Break Circuitry, 10 A at 250 Vac, Pin Plunger Actuator, Silver Contacts, Solder Termination DMA控制
|
Omron Electronics, LLC
|
2-1419136-2 RMC05060 |
Power Relay RM C/D 1 pole 30/32 A, 1 form X, double make, NO or 1 form Z, double make double break, NO NC
|
Tyco Electronics List of Unclassifed Manufacturers
|
1300940226 |
Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
|
Molex Electronics Ltd.
|
1300940217 |
Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
|
Molex Electronics Ltd.
|
1300940223 |
Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
|
Molex Electronics Ltd.
|
TS87C51U2NBSP TS80C51U2NBSP TS87C51U2 TS83C51U2 TS |
Single Point to Point IEEE 1355 High Speed Controller Double UART 8-bit CMOS Microcontroller From old datasheet system Double UART 8-bit microcontroller ROMless Double UART 8-bit microcontroller 16 Kbytes OTP
|
ATMEL Corporation
|
HLMP-K150 HLMP-K150-10000 HLMP-K150-10001 HLMP-K15 |
HLMP-K150-C00A2 · T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-K150-C00A1 · T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-K150-C0001 · T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-D150-C00B2 · T-1 3/4 (5 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps HLMP-D150-C0001 · T-1 3/4 (5 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps HLMP-D150-C00B1 · T-1 3/4 (5 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps HLMP-D150-C0002 · T-1 3/4 (5 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps HLMP-K155-DE000 · T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-D155-F00B2 · T-1 3/4 (5 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-D155-F0002 · T-1 3/4 (5 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-D155-F0001 · T-1 3/4 (5 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-K155-D00A2 · T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-K155-D00A1 · T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-K155-D0002 · T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-K155-D0001 · T-1 3/4 (5 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-K150-CD002 · T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-K150-CD000 · T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamp HLMP-D150-CD000 · T-1 3/4 (5 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
MMKP483 |
Double Metallized, lacquered, 7,5-27,5mm pitch AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
|
VISAY[Vishay Siliconix]
|
NX3L1G3157GM132 |
Low-ohmic single-pole double-throw analog switch; Package: SOT886 (XSON6); Container: Tape reel smd 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6
|
NXP Semiconductors N.V.
|
586-105111-2 586-305111-2 586-305111-3 586-105111- |
Water resistant Double-make or double-break contacts Water resistant Double-make or double-break contacts
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
FVDB FVDB-055BHV FVDB-007B FVDB-007BGV FVDB-016B F |
Three phase double stage filter for industrial applications Thrre Phase Double Stage Filter for Inverters and Power Drives
|
PREMO CORPORATION S.L
|
|