Part Number Hot Search : 
UF201G LTC12901 1N5393 CPH6539 11601 M54133E E005228 LSM770
Product Description
Full Text Search
  6-ft Datasheet PDF File

For 6-ft Found Datasheets File :: 29598    Search Time::3.485ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ...: > 5kV (TC=25C) Ratings 80 50 6 6 3 1 20 2.0 150 -55 to +150 Unit V V V A A A W C C 15.00.5 3.20.1 13.70.2 4.20.2 s Absolute M...fT ton tstg tf V V 75 0.3 3.5 0.9 MHz s s s *h FE Rank classification P Q Rank...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet





    2SA1018 2SC1473

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1018 2SC1473
OCR Text ...-60 -40 -20 0 0 -2 -4 -6 -8 -10 -12 0 - 0.4 - 0.8 -1.2 -1.6 -2.0 Ambient temperature Ta (C) Collector to emitter voltage VCE ...fT -- IE VCB=-10V Ta=25C Forward current transfer ratio hFE 250 Transition frequency fT (M...
Description Silicon PNP epitaxial planer type

File Size 35.59K  /  2 Page

View it Online

Download Datasheet

    2SA1022 2SC2295

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1022 2SC2295
OCR Text ...0 100 120 140 160 0 0 -2 -4 -6 -8 -10 -1 -3 -10 -30 -100 Ambient temperature Ta (C) Collector to emitter voltage VCE...fT -- IE 600 VCB=-10V Ta=25C 24 PG -- IC VCE=-10V f=100MHz Ta=25C 5 NF -- IE VCB=-10V f=100...
Description Silicon PNP epitaxial planer type

File Size 37.20K  /  2 Page

View it Online

Download Datasheet

    2SA1031 2SA1032 2SA1031B 2SA1031D

HITACHI[Hitachi Semiconductor]
Microsemi, Corp.
Part No. 2SA1031 2SA1032 2SA1031B 2SA1031D
OCR Text ...-10 V, IE = 0, f = 1 MHz VCE = -6 V, I C = -0.1 mA, Rg = 500 , f = 120 Hz Min -30 -30 -5 -- -- 100 -- -- 200 -- -- Typ -- -- -- -- -- ...fT (MHz) DC Current Transfer Ratio hFE 500 400 VCE = -10 V Gain Bandwidth Product vs. Collector Curr...
Description Silicon PNP Transistor
Silicon PNP Epitaxial
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
5-Pin &#181;P Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路

File Size 30.18K  /  7 Page

View it Online

Download Datasheet

    2SA1034 2SA1035 2SC2406 2SC2405

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1034 2SA1035 2SC2406 2SC2405
OCR Text ...35 -55 -5 180 - 0.7 200 700 - 0.6 -1.0 V V V V MHz 150 mV Rank classification Rank hFE R 180 ~ 360 2SA1034 2SA1035 FR HR S 260 ~ 520 FS HS T 360 ~ 700 FT HT Pulse measurement Marking Symbol 1 Transistor PC -- Ta...
Description Silicon PNP epitaxial planer type

File Size 50.24K  /  3 Page

View it Online

Download Datasheet

    2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK

Leshan Radio Company, Ltd.
乐山无线电股份有限公
Part No. 2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK
OCR Text ...ER 1 2 CASE 318-08, STYLE 6 MAXIMUM RATINGS Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector...fT C ob h FE values are classified as follows: hFE * Q 120~270 R 180~390 S 270~560 ...
Description General Purpose Transistors(PNP Silicon) 通用晶体管(民进党硅
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No

File Size 143.20K  /  3 Page

View it Online

Download Datasheet

    2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA9

Rohm CO.,LTD.
ROHM[Rohm]
Part No. 2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA933ASTPR 2SA933ASTPS 2SA1037AKT2L 2SA1037AKT2LQ 2SA1037AKT2LR 2SA1576AT146 2SA1576AT146R 2SA1576AT146S 2SA1774 2SA1037AKQ 2SA1037AKR 2SA1037AKS 2SA1576A 2SA1576AQ 2SA1576AR 2SA1576AS 2SA1774Q 2SA1774R 2SA1774S 2SA1774T106 2SA1774T106Q 2SA1774T106R 2SA1774T106S 2SA2029Q 2SA2029R 2SA2029S 2SA2029TL 2SA2029TLQ 2SA2029TLR 2SA2029TLS 2SA1774H
OCR Text ... 0.3 (2) (3) 1.25 1.6 2.8 0.15 0.15 2.1 0.2 (2) 0.8 1.1 !Structure Epitaxial planar type. PNP silicon transisto...fT Cob Min. -60 -50 -6 - - - 120 - - Typ. - - - - - - - 140 4.0 Max. - - - -0.1 -0.1 -0.5 560 - 5.0 ...
Description 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
General Purpose Transistor
Transistors > Small Signal Bipolar Transistors(up to 0.6W)

File Size 73.92K  /  3 Page

View it Online

Download Datasheet

    2SA1038S 2SA1579 2SA1514K

Rohm Co., Ltd.
ROHM[Rohm]
Part No. 2SA1038S 2SA1579 2SA1514K
OCR Text ...SA1514K (1) 0.4 (3) 1.6 2.8 0.15 0.3Min. 0 to 0.1 Each lead has same dimensions ROHM : SMT3 EIAJ : SC-59 JEDEC : SOT-...fT Cob Min. -120 -120 -5 - - - 180 - - Typ. - - - - - - - 140 3.2 Max. - - - -0.5 -0.5 -0.5 560 - - ...
Description ER 3C 3#12 PIN PLUG
High-voltage Amplifier Transistor (−120V/ −50mA)
High-voltage Amplifier Transistor (-120V, -50mA)
High-voltage Amplifier Transistor (−120V −50mA)
High-voltage Amplifier Transistor (−120V, −50mA)

File Size 65.63K  /  4 Page

View it Online

Download Datasheet

    2SA1083 2SA1084 2SA1085

HITACHI[Hitachi Semiconductor]
Part No. 2SA1083 2SA1084 2SA1085
OCR Text ...r voltage VCE(sat) VBE -0.6 -- 90 3.5 0.5 -- -- -- -0.6 -- 90 3.5 0.5 -- -- -- -0.6 -- 90 3.5 0.5 -- -- -- Gain bandwidth product fT Collector output capacitance Noise voltage reffered to input Cob en MHz VCE = -12 V, IC =...
Description Silicon PNP Transistor
Silicon PNP Epitaxial

File Size 40.84K  /  8 Page

View it Online

Download Datasheet

For 6-ft Found Datasheets File :: 29598    Search Time::3.485ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 6-ft

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3082511425018