PART |
Description |
Maker |
3100-30I16999 3100-30I17999 3100-30M16999 3100-30M |
Contactors Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
|
Tyco Electronics
|
3100-30V12999 3100Y30U12999 3100-30U12999 3100Y30U |
Definite Purpose Contactor 3-pole, 120 FLA AC Coil
|
http:// Tyco Electronics
|
3100Y30U8999 3100-30U8999 3100-30V10999 3100-30V79 |
Contactors; 3100-30H10999CG=CONTACTOR ( Products Unlimited ) Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
|
Tyco Electronics
|
0471516042 47151-6042 |
0.50mm (.020) Pitch HDMI* Receptacle, Right Angle, 0.25μm (10μ) Gold (Au) Plating,Front Solder Tab Length 1.80mm (.071), Shell Nickel (Ni) Plated, with Flange and Back Cover 0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, 0.25楼矛m (10楼矛") Gold (Au) Plating,Front Solder Tab Length 1.80mm (.071"), Shell Nickel (Ni) Plated, with Fla
|
http:// Molex Electronics Ltd.
|
9100-293Q999 9100-393Q999 9100-493Q999 9100-293QS9 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 21500mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.48A (COIL), 12VDC (COIL), 5750mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 21500mW (COIL), PANEL MOUNT Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
|
http:// Tyco Electronics
|
|